Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ102S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BUZ102S
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ102S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BUZ102S Datasheet HTML 1Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 2Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 3Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 4Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 5Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 6Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 7Page - Siemens Semiconductor Group BUZ102S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
30/Jan/1998
BUZ 102 S
SPP52N05
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS2 * ID * RDS(on)max, ID = 37 A
gfs
10
-
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
1220
1525
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
410
515
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
210
265
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 52 A
RG = 6.8
td(on)
-
12
18
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 52 A
RG = 6.8
tr
-
22
33
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 52 A
RG = 6.8
td(off)
-
30
45
Fall time
VDD = 30 V, VGS = 10 V, ID = 52 A
RG = 6.8
tf
-
25
40
Gate charge at threshold
VDD = 40 V, ID = 0.1 A, VGS =0 to 1 V
Qg(th)
-
1.5
2.8
nC
Gate charge at 7.0 V
VDD = 40 V, ID = 52 A, VGS =0 to 7 V
Qg(7)
-
35
55
Gate charge total
VDD = 40 V, ID = 52 A, VGS =0 to 10 V
Qg(total)
-
45
70
Gate plateau voltage
VDD = 40 V, ID = 52 A
V(plateau)
-
5.9
-
V


Similar Part No. - BUZ102S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ102S INFINEON-BUZ102S Datasheet
139Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ102SE3045 INFINEON-BUZ102SE3045 Datasheet
139Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ102SE3045A INFINEON-BUZ102SE3045A Datasheet
139Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Similar Description - BUZ102S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com