Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4950 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4950
Description  Full-Bridge DMOS PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4950 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4950 Datasheet HTML 1Page - Allegro MicroSystems A4950 Datasheet HTML 2Page - Allegro MicroSystems A4950 Datasheet HTML 3Page - Allegro MicroSystems A4950 Datasheet HTML 4Page - Allegro MicroSystems A4950 Datasheet HTML 5Page - Allegro MicroSystems A4950 Datasheet HTML 6Page - Allegro MicroSystems A4950 Datasheet HTML 7Page - Allegro MicroSystems A4950 Datasheet HTML 8Page - Allegro MicroSystems A4950 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Full-Bridge DMOS PWM Motor Driver
A4950
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Device Operation
The A4950 is designed to operate DC motors. The output drivers
are all low-RDS(on), N-channel DMOS drivers that feature inter-
nal synchronous rectification to reduce power dissipation. The
current in the output full bridge is regulated with fixed off-time
pulse width modulated (PWM) control circuitry. The IN1 and IN2
inputs allow two-wire control for the bridge.
Protection circuitry includes internal thermal shutdown, and pro-
tection against shorted loads, or against output shorts to ground
or supply. Undervoltage lockout prevents damage by keeping the
outputs off until the driver has enough voltage to operate nor-
mally.
Standby Mode
Low Power Standby mode is activated when both input (INx)
pins are low for longer than 1 ms. Low Power Standby mode
disables most of the internal circuitry, including the charge pump
and the regulator. When the A4950 is coming out of standby
mode, the charge pump should be allowed to reach its regulated
voltage (a maximum delay of 200 μs) before any PWM com-
mands are issued to the device.
Internal PWM Current Control
Initially, a diagonal pair of source and sink FET outputs are
enabled and current flows through the motor winding and the
optional external current sense resistor, RS. When the voltage
across RS equals the comparator trip value, then the current sense
comparator resets the PWM latch. The latch then turns off the
sink and source FETs (Mixed Decay mode).
VREF
The maximum value of current limiting is set by the selection of
RSx and the voltage at the VREF pin. The transconductance func-
tion is approximated by the maximum value of current limiting,
ITripMAX (A), which is set by:
ITripMAX = 10 R
S
VREF
where VREF is the input voltage on the VREF pin (V) and RS is
the resistance of the sense resistor (Ω) on the LSS terminal.
Overcurrent Protection
A current monitor will protect the IC from damage due to output
shorts. If a short is detected, the IC will latch the fault and disable
the outputs. The fault latch can only be cleared by coming out of
Low Power Standby mode or by cycling the power to VBB. Dur-
ing OCP events, Absolute Maximum Ratings may be exceeded
for a short period of time before the device latches.
Shutdown
If the die temperature increases to approximately 160°C, the full
bridge outputs will be disabled until the internal temperature falls
below a hysteresis, TTSDhys, of 15°C. Internal UVLO is present
on VBB to prevent the output drivers from turning-on below the
UVLO threshold.
Braking
The braking function is implemented by driving the device in
Slow Decay mode, which is done by applying a logic high to both
inputs, after a bridge-enable Chop command (see PWM Control
Truth Table). Because it is possible to drive current in both direc-
tions through the DMOS switches, this configuration effectively
shorts-out the motor-generated BEMF, as long as the Chop com-
mand is asserted. The maximum current can be approximated by
VBEMF / RL. Care should be taken to ensure that the maximum
ratings of the device are not exceeded in worse case braking situ-
ations: high speed and high-inertia loads.


Similar Part No. - A4950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4950 ALLEGRO-A4950 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A4950 ALLEGRO-A4950_16 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results

Similar Description - A4950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLPTR ALLEGRO-A3959SLPTR Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com