Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4950 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4950
Description  Full-Bridge DMOS PWM Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4950 Datasheet(HTML) 7 Page - Allegro MicroSystems

  A4950 Datasheet HTML 1Page - Allegro MicroSystems A4950 Datasheet HTML 2Page - Allegro MicroSystems A4950 Datasheet HTML 3Page - Allegro MicroSystems A4950 Datasheet HTML 4Page - Allegro MicroSystems A4950 Datasheet HTML 5Page - Allegro MicroSystems A4950 Datasheet HTML 6Page - Allegro MicroSystems A4950 Datasheet HTML 7Page - Allegro MicroSystems A4950 Datasheet HTML 8Page - Allegro MicroSystems A4950 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Full-Bridge DMOS PWM Motor Driver
A4950
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Application Information
Sense Pin (LSS)
In order to use PWM current control, a low-value resistor is
placed between the LSS pin and ground for current sensing pur-
poses. To minimize ground-trace IR drops in sensing the output
current level, the current sensing resistor should have an indepen-
dent ground return to the star ground point. This trace should be
as short as possible. For low-value sense resistors, the IR drops in
the PCB can be significant, and should be taken into account.
When selecting a value for the sense resistor be sure not to
exceed the maximum voltage on the LSS pin of ±500 mV at
maximum load. During overcurrent events, this rating may be
exceeded for short durations.
Ground
A star ground should be located as close to the A4950 as possible.
The copper ground plane directly under the exposed thermal pad
of the device makes a good location for the star ground point. The
exposed pad can be connected to ground for this purpose.
Layout
The PCB should have a thick ground plane. For optimum
electrical and thermal performance, the A4950 must be soldered
directly onto the board. On the underside of the A4950 package is
an exposed pad, which provides a path for enhanced thermal dis-
sipation. The thermal pad must be soldered directly to an exposed
surface on the PCB in order to achieve optimal thermal conduc-
tion. Thermal vias are used to transfer heat to other layers of the
PCB.
The load supply pin, VBB, should be decoupled with an electro-
lytic capacitor (typically 100 μF) in parallel with a lower valued
ceramic capacitor placed as close as practicable to the device.
GND
RS
GND
GND
GND
C1
BULK
CAPACITANCE
VBB
OUT2
OUT1
C2
VBB
1
PAD
A4950
C1
C2
OUT2
LSS
OUT1
VBB
IN2
IN1
VREF
GND
RS
PCB
Thermal Vias
Trace (2 oz.)
Signal (1 oz.)
Ground (1 oz.)
Thermal (2 oz.)
Solder
A4950
Bill of Materials
Item
Reference
Value
Units
Description
1RS
0.25
(for VREF = 5 V, IOUT = 2 A)
Ω
2512, 1 W, 1% or better,
carbon film chip resistor
2
C1
0.22
μF
X5R minimum, 50 V or greater
3
C2
100
μF
Electrolytic, 50 V or greater


Similar Part No. - A4950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4950 ALLEGRO-A4950 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A4950 ALLEGRO-A4950_16 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results

Similar Description - A4950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLPTR ALLEGRO-A3959SLPTR Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com