Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM21SC790501H Datasheet(PDF) 5 Page - Protek Devices

Part # PAM21SC790501H
Description  250 WATT TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM21SC790501H Datasheet(HTML) 5 Page - Protek Devices

  PAM21SC790501H Datasheet HTML 1Page - Protek Devices PAM21SC790501H Datasheet HTML 2Page - Protek Devices PAM21SC790501H Datasheet HTML 3Page - Protek Devices PAM21SC790501H Datasheet HTML 4Page - Protek Devices PAM21SC790501H Datasheet HTML 5Page - Protek Devices PAM21SC790501H Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05366.R0 1/12
Page 5
PAM21SC790501H
tAPE AND REEl
ORDERiNg iNFORMAtiON
BASE PARt NuMBER
lEADFREE SuFFiX
tAPE SuFFiX
Qty/REEl
REEl SiZE
tuBE Qty
PAM21SC790501H
N/A
-T73
3,000
7”
n/a
This device is only available in a Lead-Free configuration.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Pin 1 Indicated by Band
SPECiFiCAtiONS
REEl DiA.
tAPE
WiDtH
A0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
1.00 ± 0.10 1.95 ± 0.05 0.075 ± 0.05 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
NOtES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Empty pocket between sprocket holes.
4. Suffix - T73 = 7” Reel - 3,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) and polarity band
Package outline, pad layout and tape specifications per document number 06037.R3 8/10.


Similar Part No. - PAM21SC790501H

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
   MULTI-LINE TVS ARRAY
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268-T7 PROTEC-PAM22LOPR2268-T7 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268QT7 PROTEC-PAM22LOPR2268QT7 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
More results

Similar Description - PAM21SC790501H

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_11 Datasheet
444Kb / 6P
   200 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com