Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAUSB42 Datasheet(PDF) 5 Page - Protek Devices

Part # PAUSB42
Description  LoPro??DPDT USB2.0 (480Mbps) Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAUSB42 Datasheet(HTML) 5 Page - Protek Devices

  PAUSB42 Datasheet HTML 1Page - Protek Devices PAUSB42 Datasheet HTML 2Page - Protek Devices PAUSB42 Datasheet HTML 3Page - Protek Devices PAUSB42 Datasheet HTML 4Page - Protek Devices PAUSB42 Datasheet HTML 5Page - Protek Devices PAUSB42 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
PAUSB42
LoProDPDT USB2.0 (480Mbps) Switch
95215 Rev.0. 02/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Diagrams.
Fig.8 Bandwidth
Fig.9 Channel Off Isolation
Fig.10 Non-Adjacent Channel-to-Channel Crosstalk
Fig.11 Channel Off Capacitance.
Fig.12 Channel On Capacitance.
VCC
Network
Analyzer
GND
RS
50Ω
Signal
Generator
10nF
SEL
Dn
HSDn
RL
50Ω
Logic Input
0V or VIH
VCC
Logic Input
0V or VIH
Analyzer
CL
5pF
RL
50Ω
GND
Signal
Generator
10nF
SEL
Dn
HSDn
RS
50Ω
RL , CL Are functions of the application
RL , CL Are functions of the application
VCC
Analyzer
CL
5pF
RL
50Ω
GND
50Ω
Signal
Generator
10nF
SEL
Dn
HSDn
HSDn
50Ω
VCC
Logic Input
0V or VIH
GND
10nF
SEL
Dn
HSDn
Capacitance
Meter
f = 1MHz
VCC
Logic Input
0V or VIH
GND
10nF
SEL
Dn
HSDn
Capacitance
Meter
f = 1MHz


Similar Description - PAUSB42

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
   LoPro??DPDT USB2.0 Switch
PA2070 PROTEC-PA2070 Datasheet
110Kb / 6P
   LoPro??DPDT 400MHz Switch
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
   USB2.0(480MBPS)SWITCH
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
   DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
   High-Speed, USB2.0 (480Mbps) Switch
logo
AiT Semiconductor Inc.
A4732 AITSEMI-A4732 Datasheet
569Kb / 13P
   DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV2.0
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
   HIGH-SPEED USB2.0 DPDT SWITCH
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com