Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW1201H Datasheet(PDF) 1 Page - Protek Devices

Part # PLW1201H
Description  200 WATT TVS COMPONENT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW1201H Datasheet(HTML) 1 Page - Protek Devices

  PLW1201H_11 Datasheet HTML 1Page - Protek Devices PLW1201H_11 Datasheet HTML 2Page - Protek Devices PLW1201H_11 Datasheet HTML 3Page - Protek Devices PLW1201H_11 Datasheet HTML 4Page - Protek Devices PLW1201H_11 Datasheet HTML 5Page - Protek Devices PLW1201H_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05275.R1 9/10
Page 1
PLW1201H
200 Watt tVS COMPONENt
DESCRiPtiON
The PLW1201H is a transient voltage suppressor array designed to protect applications such as wireless telecommuni-
cation devices, PCMCIA cards and portable electronics. This device is available in a unidirectional configuration with
a working voltage of 12.0V and a minimum breakdown voltage of 13.3V. The PLW1201H is rated at 200W peak pulse
power (8/20µs), which is sufficient protection for tertiary type lightning threats at key interface locations.
The PLW1201H is ideally suited to protect data I/O ports against ESD and EFT. This device meets the requirements
of IEC 61000-2 and IEC 61000-4-4. Packaged in a SC-79 configuration, this device can be substituted for similar 0803
outlines.
FEatuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Cable Discharge Event (CDE) Protection
• Replacement for MLV (0803)
• One Unidirectional Line of Protection
• Unidirectional Configuration
• RoHS Compliant
• REACH Compliant
MECHaNiCaL CHaRaCtERiStiCS
• Molded JEDEC SC-79 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
aPPLiCatiONS
• Ethernet - 10/100/1000 Base T
• SMART Phones
• Portable Electronics
SC-79 PaCkagE
PiN CONFiguRatiON
1
2


Similar Part No. - PLW1201H_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
More results

Similar Description - PLW1201H_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
   200 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
   250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
1.5KE6.8 PROTEC-1.5KE6.8_14 Datasheet
327Kb / 10P
   1500 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
PAM35DOABXXA PROTEC-PAM35DOABXXA Datasheet
443Kb / 7P
   1500 WATT TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com