Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOT08LC Datasheet(PDF) 5 Page - Protek Devices

Part # PSOT08LC
Description  500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT08LC Datasheet(HTML) 5 Page - Protek Devices

  PSOT08LC Datasheet HTML 1Page - Protek Devices PSOT08LC Datasheet HTML 2Page - Protek Devices PSOT08LC Datasheet HTML 3Page - Protek Devices PSOT08LC Datasheet HTML 4Page - Protek Devices PSOT08LC Datasheet HTML 5Page - Protek Devices PSOT08LC Datasheet HTML 6Page - Protek Devices PSOT08LC Datasheet HTML 7Page - Protek Devices PSOT08LC Datasheet HTML 8Page - Protek Devices PSOT08LC Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05066.R7 9/10
Page 5
PSOT03LC - PSOT36LC
SPICE mODEL
FIGURE 1
SPICE mODEL FOR
TABLE 1 - SPICE PARAmETERS
PARAmETER
UNIT
ABD(TVS)
LCRD
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
5
I
S
A
See Table 2
1E-14
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.31
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
TABLE 2 - ABD SPECIFIC SPICE PARAmETERS
PART NUmBER
B
V(VOLTS)
C
jo(pF)
I
S (AmPS)
R
s(OhmS)
PSOT03LC
4.5
438
1E-11
0.21
PSOT05LC
6.0
284
1E-11
0.14
PSOT08LC
8.5
146
1E-11
0.28
PSOT12LC
13.3
123
1E-13
0.40
PSOT15LC
16.7
102
1E-13
0.52
PSOT12LC
26.7
61
1E-13
1.54
ABD - Avalanche Breakdown Diode (TVS)
LCRD - Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
LCRD
Lg
0.6nH
I/O


Similar Part No. - PSOT08LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT08LC PROTEC-PSOT08LC Datasheet
175Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT08LC PROTEC-PSOT08LC Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT08LC PROTEC-PSOT08LC Datasheet
887Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT08LC-LF-T13 PROTEC-PSOT08LC-LF-T13 Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT08LC-LF-T7 PROTEC-PSOT08LC-LF-T7 Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT08LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_12 Datasheet
887Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PAM27ST2324LC PROTEC-PAM27ST2324LC Datasheet
490Kb / 7P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_12 Datasheet
792Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR05LC PROTEC-PSR05LC Datasheet
605Kb / 8P
   500 WATT ultra low capacitance steering diode/TVS array
PSRDA3.3-6 PROTEC-PSRDA3.3-6_10 Datasheet
805Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com