Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOT36KCA Datasheet(PDF) 4 Page - Protek Devices

Part # PSOT36KCA
Description  300 WATT TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT36KCA Datasheet(HTML) 4 Page - Protek Devices

  PSOT36KCA Datasheet HTML 1Page - Protek Devices PSOT36KCA Datasheet HTML 2Page - Protek Devices PSOT36KCA Datasheet HTML 3Page - Protek Devices PSOT36KCA Datasheet HTML 4Page - Protek Devices PSOT36KCA Datasheet HTML 5Page - Protek Devices PSOT36KCA Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05108.R6 9/10
Page 4
PSOT15KCA - PSOT36KCA
SOT-23 PACKAGe inFORmATiOn
OuTline DimenSiOnS
Dim
millimeTeRS
inCheS
min
mAX
min
mAX
A
2.80
3.04
0.110
0.120
B
1.20
1.40
0.047
0.055
C
0.89
1.11
0.035
0.044
D
0.37
0.50
0.015
0.020
G
1.78
2.04
0.070
0.081
H
0.013
0.100
0.001
0.004
J
0.085
0.177
0.003
0.007
K
0.45
0.60
0.018
0.024
L
0.89
1.02
0.035
0.040
S
2.10
2.50
0.083
0.098
V
0.45
0.60
0.018
0.024
nOTeS
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Pin 3 is the cathode (Unidirectional Only)
4. Dimensions are exclusive of mold flash and metal burrs.
PAD lAYOuT DimenSiOnS
Dim
millimeTeRS
inCheS
min
mAX
min
mAX
A
0.71
0.97
0.028
0.038
B
1.88
2.13
0.074
0.084
C
0.71
0.97
0.028
0.038
D
0.81
1.07
0.032
0.042
nOTeS
1. Controlling dimension: inches.
A
L
B
S
G
V
3
1
2
D
H
C
K
J
0°-10°
A
C
D
B


Similar Part No. - PSOT36KCA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT36KCA PROTEC-PSOT36KCA Datasheet
93Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT36KCA PROTEC-PSOT36KCA Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT36KCA PROTEC-PSOT36KCA Datasheet
637Kb / 6P
   300 WATT TVS ARRAY
PSOT36KCA-LF-T7 PROTEC-PSOT36KCA-LF-T7 Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT36KCA-T13 PROTEC-PSOT36KCA-T13 Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT36KCA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
   300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
   300 WATT TVS ARRAY
PSOT03LCC PROTEC-PSOT03LCC Datasheet
634Kb / 6P
   300 WATT TVS ARRAY
PSOT05CU PROTEC-PSOT05CU Datasheet
653Kb / 6P
   300 WATT TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
   500 WATT TVS ARRAY
PSOT12C-LF PROTEC-PSOT12C-LF Datasheet
463Kb / 8P
   500 WATT TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com