Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16LC36C Datasheet(PDF) 7 Page - Protek Devices

Part # SM16LC36C
Description  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC36C Datasheet(HTML) 7 Page - Protek Devices

  SM16LC36C Datasheet HTML 1Page - Protek Devices SM16LC36C Datasheet HTML 2Page - Protek Devices SM16LC36C Datasheet HTML 3Page - Protek Devices SM16LC36C Datasheet HTML 4Page - Protek Devices SM16LC36C Datasheet HTML 5Page - Protek Devices SM16LC36C Datasheet HTML 6Page - Protek Devices SM16LC36C Datasheet HTML 7Page - Protek Devices SM16LC36C Datasheet HTML 8Page - Protek Devices SM16LC36C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05051.R13 1/11
Page 7
SM16LC03 - SM16LC36C
SO-16 PACkAGE INFORMATION
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NOTES
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYOUT DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NOTES
1. Controlling dimension: inches.
-A-
16
9
8
1
-B- P
8 PL
0.010” (0.25mm)
M
M B
+
G
D
C
K
-T-
16 PL
0.010” (0.25mm) M
S
B
+
S
A
T
R X 45°
J
0° - 10°
F
A
B
C
D
E


Similar Part No. - SM16LC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM16LC36C PROTEC-SM16LC36C Datasheet
126Kb / 5P
   LOW CAPACITANCE TVS ARRAY
SM16LC36C PROTEC-SM16LC36C Datasheet
889Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SM16LC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_12 Datasheet
889Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_12 Datasheet
798Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
   500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com