Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES-150-3.3 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NES-150-3.3
Description  150W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NES-150-3.3 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NES-150-3.3 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NES-150-3.3 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.902Unit:mm
BlockDiagram
fosc:65KHz
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
230
115
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
FG
AMBIENTTEMPERATURE(
)
-20
0
20
10
30
40
20
40
80
60
100
60
50
70
Others
7.5V,9V
3.3V,5V
StaticCharacteristics
INPUTVOLTAGE(VAC)60Hz
90
180
100
200
110
220
115
230
125
250
132
264
Ta=25
85
100
70
55
40
25
DeratingCurve
3.5
197
6.5
190
22
157
4.5
7
6
5
4
3
2
1
120
199
57.5
4-
M
3
3-M
3
TerminalPinNo. Assignment
PinNo.
PinNo.
1
4,5
2
6,7
3
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT +V
DCOUTPUT -V
+V ADJ.
150WSingleOutputSwitchingPowerSupply
N E S - 1 5 0 series
(HORIZONTAL)
FileName:NES-150-SPEC2012-03-02


Similar Part No. - NES-150-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-150-3.3 MEANWELL-NES-150-3.3 Datasheet
423Kb / 2P
   150W Single Output Switching Power Supply
NES-150-3.3 MEANWELL-NES-150-3.3 Datasheet
431Kb / 2P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150-3.3 TOTAL-POWER-NES-150-3.3 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results

Similar Description - NES-150-3.3

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com