Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV-60-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPV-60-24
Description  60W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPV-60-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPV-60-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPV-60-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
LPV-60-5
LPV-60-12
LPV-60-15
LPV-60-24
LPV-60-36
LPV-60-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME(Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
15V
24V
36V
48V
8A
5A
4A
2.5A
1.67A
1.25A
0~8A
0~5A
0~4A
0~2.5A
0~1.67A
0~1.25A
40W
60W
60W
60W
60W
60W
80mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
150mVp-p
8.0%
1.0%
6.0%
90~264VAC
127~370VDC
47~63Hz
76%
83%
2.0%
5.0%
83%
86%
86%
86%
5.75~6.75V
13.8~16.2V
17.25~20.25V
27.6~32.4V
41.4~48.6V
55.2~64.8V
1.2A/115VAC1A/230VAC
COLDSTART 30A/115VAC60A/230VAC
0.25mA /240VAC
110~150%ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2Class A,EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
-30~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
732Khrsmin.MIL-HDBK-217F(25
)
162.5*42.5*32mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. The unit might not be suitable for lighting applications in EU countries. Please check with your local authorities for the possible use of the unit.
8. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minute.
0.4Kg;32pcs/13.8Kg/0.56CUFT
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
60WSingleOutputSwitchingPowerSupply
Features :
L P V- 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
UL879(exceptforLPV-60-5),UL1310(exceptforLPV-60-5),CSA C22.2No.207-M89(exceptforLPV-60-5,LPV-60-48),
CAN/CSA C22.2No.223-M91(exceptforLPV-60-5,LPV-60-48),IP67approved;designreferto TUVEN60950-1
I/P-O/P:>100MOhms/500VDC/25
/70%RH
FileName:LPV-60-SPEC2012-03-20
Constant voltage design
Universal AC input / Full range
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Fully encapsulated with IP67 level
Class 2 power unit
ass LPS
Suitable for LED lighting and moving sign applications
100% full load burn-in test
Low cost, high reliability
2 years warranty
(Note.8)
Fully isolated plastic case
Class
power unit, no FG
P
(Note.7)
500ms,20ms/230VAC5
atfullload
;
00ms,20ms/115VAC
(for5~36V)500ms,30ms/230VAC500ms,30ms/115VACatfullload(for48V)
50ms/230VAC16ms/115VACatfullload
IP67
LPS
( for 48V only)
( except for 5V,48V )
EMCIMMUNITY
EMCEMISSION


Similar Part No. - LPV-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPV-60-24 MEANWELL-LPV-60-24 Datasheet
82Kb / 2P
   60W Single Output Switching Power Supply
LPV-60-24 MEANWELL-LPV-60-24 Datasheet
91Kb / 2P
   60W Single Output Switching Power Supply
More results

Similar Description - LPV-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com