Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-16D Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-16D
Description  16W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-16D Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPF-16D_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-16D_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-16D_12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-16D_12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
CaseNo.:LPF-16A
Unit:mm
16WSingleOutputSwitchingPowerSupply
L P F - 1 6 D series
FileName:LPF-16D-SPEC 2011-12-21
Fosc:100KHz
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
BlockDiagram
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
DeratingCurve
DeratingCurve
StaticCharacteristics
175
AMBIENTTEMPERATURE(
)
230VAC
Inputonly
-40
-30
0
-15
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
AC/N(Blue)
AC/L(Brown)
+V(Red)
-V(Black)
DIM+(Blue)
DIM-(White)
SJTW18AWG*2C
300 20
3.6
3.6
148
3.5
3.5
300 20
SVT 18AWG*4C
60
T case:Max.Case Temperature.
DIM+
DIM-


Similar Part No. - LPF-16D_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-16D MEANWELL-LPF-16D Datasheet
567Kb / 8P
   16W Constant Current Mode LED Driver
More results

Similar Description - LPF-16D_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16 Datasheet
187Kb / 2P
   16W Single Output Switching Power Supply
APC-16E MEANWELL-APC-16E Datasheet
75Kb / 3P
   16W Single Output Switching Power Supply
APC-16 MEANWELL-APC-16_12 Datasheet
775Kb / 2P
   16W Single Output Switching Power Supply
LPF-16 MEANWELL-LPF-16_12 Datasheet
155Kb / 3P
   16W Single Output Switching Power Supply
APV-16 MEANWELL-APV-16 Datasheet
182Kb / 2P
   16W Single Output Switching Power Supply
APV-16E MEANWELL-APV-16E Datasheet
76Kb / 3P
   16W Single Output Switching Power Supply
APV-16 MEANWELL-APV-16_12 Datasheet
793Kb / 2P
   16W Single Output Switching Power Supply
PLD-16 MEANWELL-PLD-16 Datasheet
106Kb / 3P
   16W Single Output LED Power Supply
PLD-16 MEANWELL-PLD-16_12 Datasheet
201Kb / 3P
   16W Single Output LED Power Supply
PCD-16 MEANWELL-PCD-16_12 Datasheet
221Kb / 4P
   16W Single Output AC Dimmable LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com