Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-25-36 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-25-36
Description  25W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-25-36 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPF-25-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-25-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-25-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
12V
LPF-25-12
LPF-25-15
LPF-25-20
LPF-25-24
LPF-25-30
LPF-25-36
LPF-25-42
LPF-25-48
LPF-25-54
6~12V
15V
7.5~15V
20V
10~20V
24V
12~24V
30V
15~30V
36V
18~36V
48V
24~48V
2.1A
1.67A
1.25A
1.05A
0.84A
0.7A
0.53A
25.2W
25.05W
25W
25.2W
25.2W
25.2W
25.44W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
250mVp-p
250mVp-p
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1500ms,80ms/115VACatfullload1500ms,80ms/230VAC
16ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
PF>0.97/115VAC,PF>0.95/230VAC,PF>0.92/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
84%
85%
86%
86%
86%
86%
87%
COLDSTART 50A/230VAC
<0.75mA /240VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
473.4Khrsmin.MIL-HDBK-217F(25
)
148*40*32mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Suitable for indoor use or outdoor use without direct sunlight explosure.Please avoid immerse in the water over 30 minutes.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
Protectiontype: Shutdownandlatchoffo/pvoltage,re-powerontorecover
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SHORTCIRCUIT
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
UL8750,CSA C22.2No.250.0-08(exceptfor48V,54V),EN61347-1,EN61347-2-13independent
;DesignrefertoUL60950-1, TUVEN60950-1
,IP67approved
54V
27~54V
0.47A
25.38W
350mVp-p
4.0%
0.5%
0.5%
42V
21~42V
0.6A
25.2W
250mVp-p
4.0%
0.5%
0.5%
86%
86.5%
15~18V
17.5~21V
23~27V
28~35V
34~40V
41~49V
54~63V
0.4A /115VAC0.2A /230VAC
46~54V
59~66V
FileName:LPF-25-SPEC 2011-12-21
25WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage / Over temperature
Built-in active PFC function
Cooling by free air convection
Fully
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
3 years warranty
(up to 305VAC)
Suitable for dry / damp / wet locations
Fully isolated plastic case
encapsulated with IP67 level (Note.6)
Class
power unit, no FG
Class 2 power unit
Features :
L P F - 2 5 series
ISOLATIONRESISTANCE
CONSTANTCURRENTREGION Note.4
SAFETY STANDARDS Note.6
WITHSTANDVOLTAGE
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
IP67
F
M
M
110
SELV
OVERTEMPERATURE
EMCIMMUNITY
CompliancetoEN55015;EN61000-3-2ClassC(
50%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,lightindustrylevel(surge2KV),criteria A
EMCEMISSION
-40~+70
(Referto"DeratingCurve")
95J Ó5J(
TSW1)DetectonU2
Protectiontype:Shutdowno/pvoltage,recoverautomaticallyaftertemperaturegoesdown
0.36Kg;40pcs/15.4Kg/1.02CUFT
( except for 48V,54V )
( for 48V,54V only)


Similar Part No. - LPF-25-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
LPF-25D MEANWELL-LPF-25D Datasheet
179Kb / 4P
   25W Single Output Switching Power Supply
LPF-25D-12 MEANWELL-LPF-25D-12 Datasheet
179Kb / 4P
   25W Single Output Switching Power Supply
LPF-25D-15 MEANWELL-LPF-25D-15 Datasheet
179Kb / 4P
   25W Single Output Switching Power Supply
LPF-25D-20 MEANWELL-LPF-25D-20 Datasheet
179Kb / 4P
   25W Single Output Switching Power Supply
More results

Similar Description - LPF-25-36

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com