Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-25D-42 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-25D-42
Description  25W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-25D-42 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LPF-25D-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-25D-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-25D-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-25D-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
25WSingleOutputSwitchingPowerSupply
L P F - 2 5 D series
FileName:LPF-25D-SPEC 2011-12-21
TypicalLEDpowersupplyI-Vcurve
DRIVINGMETHODSOFLEDMODULE
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
277VAC
230VAC
115VAC
0 . 8 4
0 . 8 5
0 . 8 6
0 . 8 7
0 . 8 8
0 . 8 9
0 . 9
0 . 9 1
0 . 9 2
0 . 9 3
0 . 9 4
0 . 9 5
0 . 9 6
0 . 9 7
0 . 9 8
0 . 9 9
1
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V A C
2 3 0 V A C
1 1 5 V A C
LPF-25Dseriespossesssuperiorworkingefficiencythatupto86%canbereachedinfieldapplications.
LOAD
EFFICIENCY vsLOAD(48VModel)
LOAD
ConstantCurrentMode
(25W)
PowerFactorCharacteristic
100
50
(max.)
50
95
Io(%)
(A)
Constant
Currentarea
(B)
Hiccup
Protection
ThisLEDpowersupplyissuggestedtoworkinconstantcurrentmodearea(CC)todrivetheLEDs.


Similar Part No. - LPF-25D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
LPF-25-12 MEANWELL-LPF-25-12 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
LPF-25-15 MEANWELL-LPF-25-15 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
LPF-25-20 MEANWELL-LPF-25-20 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
LPF-25-24 MEANWELL-LPF-25-24 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
More results

Similar Description - LPF-25D-42

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com