Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-25D Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-25D
Description  25W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-25D Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LPF-25D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-25D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-25D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPF-25D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DimmingconnectiondiagramforturningthelightingfixtureON/OFF:
UsingaswitchandrelaycanturnON/OFFthelightingfixture.
1.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistoror1~10Vdcor10VPWMsignalbetweenDIM+andDIM-.
2.TheLEDlightingfixturecanbeturnedON/OFFbytheswitch.
N
L
LEDLighting Fixture
Relay
Blue
Brown
AC/L
AC/N
LPF-25D
DIM+
DIM-
V(-)
V(+)
Blue
White
Black
Red
Switch
Adjuster
0~100KOhmsresistance
1~10VDCVoltage
10VPWMSignal
DIMMINGOPERATION
AC/N(Blue)
AC/L(Brown)
25WSingleOutputSwitchingPowerSupply
L P F - 2 5 D series
FileName:LPF-25D-SPEC 2011-12-21
+V(Red)
-V(Black)
DIM+(Blue)
DIM-(White)
LPF-25D
Outputconstantcurrentlevelcanbeadjustedthroughoutputcableby1~10Vdc,10VPWM signalorresistancebetweenDIM+andDIM-.
Referenceresistancevalueforoutputcurrentadjustment(Typical)
60K
60%
60%
10K
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
20K
20%
20%
30K
30%
30%
40K
40%
40%
50K
50%
50%
70K
70%
70%
80K
80%
80%
90K
100K
OPEN
OPEN
OPEN
90%
90%
100%
95%~108%
95%~108%
95%~108%
100%
Resistancevalue
Dimmingvalue
Outputcurrent
Outputcurrent
1~10Vdimmingfunctionforoutputcurrentadjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Dutyvalue
Outputcurrent
10VPWMsignalforoutputcurrentadjustment (Typical):Frequencyrange:100~3KHz


Similar Part No. - LPF-25D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
LPF-25-12 MEANWELL-LPF-25-12 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
LPF-25-15 MEANWELL-LPF-25-15 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
LPF-25-20 MEANWELL-LPF-25-20 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
LPF-25-24 MEANWELL-LPF-25-24 Datasheet
155Kb / 3P
   25W Single Output Switching Power Supply
More results

Similar Description - LPF-25D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com