Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVGC-100 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HVGC-100
Description  100W Single Output LED Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVGC-100 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HVGC-100_12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVGC-100_12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVGC-100_12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVGC-100_12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVGC-100_12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVGC-100_12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATION
MODEL
RATEDCURRENT
RATEDPOWER
MAX.OUTPUTVOLTAGE
OUTPUT
CURRENT ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.3
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.4
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERTEMPERATURE
OVERVOLTAGE
Canbeadjusted byinternalpotentiometerorthroughoutputcable
3000ms,150ms
;Btype5000ms,150msat95%load440VAC/347VAC
atfullload440VAC/347VAC
30ms atfullload440VAC/347VAC
180~480VAC254VDC~679VDC
47~63Hz
0.32A /347VAC0.26A /440VAC
COLDSTART 50A /440VAC
<0.75mA /440VAC
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
186.1Khrsmin.MIL-HDBK-217F(25
)
236*68*38.8mm(L*W*H)
RIPPLE&NOISE(max.) Note.2
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
300~320V
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
Protectiontype:Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
SHORTCIRCUIT
91%
HVGC-100-350
HVGC-100-700
1Vp-p
0.5Vp-p
1. All parameters NOT specially mentioned are measured at 347VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 2.2uf parallel capacitor.
3. Derating may be needed under low input voltages. Please check the static characteristics for more details.
4. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6. Refer to warranty statement.
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,lightindustrylevel(surge4KV),criteria A
Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
210~350mA
420~700mA
350mA
99.75W
3~285V
1.18Kg;12pcs/15.2Kg/0.74CUFT
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
UL8750 CSA C22.2No.250.0-08, TUVEN61347-1,EN61347-2-13,
approved;designrefertoUL60950-1, TUVEN60950-1
,
IP65orIP67
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
91%
150~160V
700mA
99.4W
3~142V
Features :
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potentiometer.
B : IP67 rated. Constant current level adjustable through output cable with 0~10Vdc or 10V PWM signal or resistance.
D (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
Constant current design
Wide input range 180~480VAC
Built-in active PFC function
Protections: Short circuit / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potentiometer
IP67 / IP65 design for indoor or outdoor installations
Class 2 power unit
Three in one dimming function (0~10Vdc or 10V PWM signal or resistance)
Suitable for LED lighting and street lighting applications
Compliance to worldwide safety regulations for lighting
5 years warranty (Note.6)
Suitable for dry / damp / wet locations
High efficiency up to 91%
F
M
M
110
IP65 IP67
HVGC-100-350 A
100WSingleOutputLEDPowerSupply
H V G C - 1 0 0 series
FileName:HVGC-100-SPEC 2012-03-20
EMCIMMUNITY
EMCEMISSION
CURRENT ACCURACY
5.0%
PF 0.98/230VAC,PF 0.98/277VAC,PF 0.97/347VAC,PF 0.94/440VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
Complianceto EN55015,EN61000-3-2ClassC(
50%load);EN61000-3-3,FCCpart15classB


Similar Part No. - HVGC-100_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-100-350 MEANWELL-HVGC-100-350 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
HVGC-100-700 MEANWELL-HVGC-100-700 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
HVGC-1000 MEANWELL-HVGC-1000 Datasheet
391Kb / 11P
   1000W Constant Power Mode LED Driver
HVGC-1000A-H-AB MEANWELL-HVGC-1000A-H-AB Datasheet
391Kb / 11P
   1000W Constant Power Mode LED Driver
HVGC-1000A-H-D2 MEANWELL-HVGC-1000A-H-D2 Datasheet
391Kb / 11P
   1000W Constant Power Mode LED Driver
More results

Similar Description - HVGC-100_12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100 Datasheet
165Kb / 3P
   100W Single Output LED Power Supply
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100_12 Datasheet
169Kb / 3P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com