Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-100-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-100-36
Description  100W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-100-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HRP-100-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-100-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.901IUnit:mm
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
4.5
152.5
150
6.5
78
24
159
22
117
3.5
6-M3(BothSides)L=6
2-M
3L
=4
DETECTION
CIRCUIT
SVR1
10max.
1
2
3
4
5
6
7
CN100
RemoteON/OFF(CN100):JST B-XHorequivalent
PinNo.
1
2
Assignment
RC+
RC-
MatingHousing
JST XHP
JST SXH-001T
orequivalent
orequivalent
Terminal
20
40
60
80
100
100WSingleOutputwithPFCFunction
FileName:HRP-100-SPEC2011-08-09
DeratingCurve
OutputDeratingVSInputVoltage
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
85
100
125
135
155
264
100
90
80
70
60
50
40
-40
0
10
20
30
40
50
60
70
(HORIZONTAL)
O.L.P.
O.T.P.
EMI
INRUSH
ACTIVE
FILTER
CURRENT
LIMITING
RECTIFIERS
&
PFC
I/P
FG
PWM
PFC
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
CONTROL
CONTROL
O.V.P.
REMOTE
CONTROL
-V
RC+
RC-
H R P - 1 0 0 series
BlockDiagram


Similar Part No. - HRP-100-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-100-36 MEANWELL-HRP-100-36 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - HRP-100-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com