Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-240H-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240H-15
Description  240W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240H-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HLG-240H-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240H-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240H-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240H-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240H-15 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240H-15 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MechanicalSpecification
CaseNo.994CUnit:mm
244.2
244.2
220.2
220.2
12
12
9.6
9.6
+V(Red)
+V(Red)
-V(Black)
-V(Black)
300 20
300 20
FG(Green/Yellow)
FG(Green/Yellow)
FG(Green/Yellow)
AC/L(Brown)
AC/L(Brown)
AC/L(Brown)
AC/N(Blue)
AC/N(Blue)
AC/N(Blue)
4.2 4PL
4.2 4PL
300 20
300 20
110.1
110.1
110.1
T case
T case
T case
T case:Max.Case Temperature.
T case:Max.Case Temperature.
T case:Max.Case Temperature.
244.2
220.2
12
9.6
+V(Red)
-V(Black)
DIM-(White)
DIM+(Blue)
SJTW18AWG 3C
BType:(HLG-240H-_B)
300 20
4.2 4PL
300 20
SJTW14AWG 2C
SJTW18AWG 2C
A Type:(HLG-240H-_A)
IP65rated.Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternal
(Canaccessbyremovingtherubberstopperonthecase.)
potentiometer.
IP67rated.CableforI/Oconnection.
Vo
ADJ.
Io
ADJ.
SJTW14AWG 2C
SJTW14AWG 2C
SJTW18AWG 3C
SJTW18AWG 3C
240WSingleOutputSwitchingPowerSupply
H L G - 2 4 0 H series
Blank:(HLG-240H)
FileName:HLG-240H-SPEC 2012-02-21


Similar Part No. - HLG-240H-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240H-15 MEANWELL-HLG-240H-15 Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-15 MEANWELL-HLG-240H-15 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-15A MEANWELL-HLG-240H-15A Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-15B MEANWELL-HLG-240H-15B Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-15C MEANWELL-HLG-240H-15C Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240H-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com