Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-185-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-185-12
Description  185W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-185-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-185-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-185-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-185-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-185-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-185-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-185-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
HLG-185-12 A
A : IP65 rated. Output voltage and constant current level can be adjusted through internal
potentiometer.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or
resistance.
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.5
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT
(Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.6
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternal
orthroughoutputcable
potentiometer
2500ms,80ms
/115VAC;Btype2500ms,200msat95%load230VAC/115VAC
atfullload230VAC
16ms atfullload230VAC/115VAC
90~264VAC127~370VDC
47~63Hz
PF>0.98/115VAC,PF>0.95/230VAC(Pleasereferto"PowerFactorCharacteristic"curve)
1.8A /115VAC0.8A /230VAC
2.1A /115VAC0.9A /230VAC
COLDSTART 75A/230VAC
<0.75mA /240VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Complianceto EN55015,EN55022(CISPR22)ClassB,EN61000-3-2ClassC(
50%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
192.2Khrsmin.MIL-HDBK-217F(25
)
228*68*38.8mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltages. Please check the static characteristics for more details.
5. Type A only.
6. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1, FCC part18.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
9
. Refer to warranty statement.
1.15Kg;12pcs/14.8Kg/0.74CUFT
Protectiontype: Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
185WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Built-in active PFC function
Protections: Short circuit / Over
/ Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or PWM signal or
Suitable for LED lighting and street lighting applications
Compliance to worldwide safety regulations for lighting
5 years warranty
current
potentiometer
resistance)
(Note.9)
Suitable for dry / damp / wet locations
High efficiency up to 94%
Features :
H L G - 1 8 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
F
M
M
110
SELV
IP65 IP67
Blank : IP67 rated. Cable for I/O connection.
14~17V
18~21V
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
92%
93%
93.5%
94%
94%
94%
94%
94%
94%
2.5%
6.5~13A
2.0%
5.75~11.5A
1.0%
4.65~9.3A
1.0%
3.9~7.8A
1.0%
3.1~6.2A
1.0%
2.6~5.2A
1.0%
1.95~3.9A
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
1.72~3.45A
0.5%
0.5%
1.0%
2.2~4.4A
0.5%
0.5%
12V
15V
20V
24V
30V
36V
48V
13A
11.5A
9.3A
7.8A
6.2A
5.2A
3.9A
156W
172.5W
186W
187.2W
186W
187.2W
187.2W
150mVp-p
150mVp-p
13.5~17V
150mVp-p
17~22V
150mVp-p
22~27V
200mVp-p
27~33V
200mVp-p
33~40V
200mVp-p
43~53V
10.8~13.5V
54V
3.45A
186.3W
200mVp-p
49~58V
42V
4.4A
184.8W
200mVp-p
38~46V
HLG-185-12
HLG-185-15
HLG-185-20
HLG-185-24
HLG-185-30
HLG-185-36
HLG-185-48
HLG-185-54
HLG-185-42
12V
15V~54V
D (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
EMCIMMUNITY
EMCEMISSION
UL8750,CSA C22.2No.250.0-08,EN61347-1,EN61347-2-13independentIP65orIP67,J61347-1,J61347-2-13approved;
designrefertoUL60950-1, TUVEN60950-1


Similar Part No. - HLG-185-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185-12 MEANWELL-HLG-185-12 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-12 MEANWELL-HLG-185-12 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
HLG-185-12 MEANWELL-HLG-185-12 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
More results

Similar Description - HLG-185-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com