Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4986 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4986
Description  DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4986 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A4986_12 Datasheet HTML 3Page - Allegro MicroSystems A4986_12 Datasheet HTML 4Page - Allegro MicroSystems A4986_12 Datasheet HTML 5Page - Allegro MicroSystems A4986_12 Datasheet HTML 6Page - Allegro MicroSystems A4986_12 Datasheet HTML 7Page - Allegro MicroSystems A4986_12 Datasheet HTML 8Page - Allegro MicroSystems A4986_12 Datasheet HTML 9Page - Allegro MicroSystems A4986_12 Datasheet HTML 10Page - Allegro MicroSystems A4986_12 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DMOS Dual Full-Bridge PWM Motor Driver
With Overcurrent Protection
A4986
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
source-side FET gates. A 0.1 μF ceramic capacitor, should be
connected between CP1 and CP2. In addition, a 0.1 μF ceramic
capacitor is required between VCP and VBB, to act as a reservoir
for operating the high-side FET gates.
Capacitor values should be Class 2 dielectric ±15% maximum,
or tolerance R, according to EIA (Electronic Industries Alliance)
specifications.
VREG (VREG). This internally-generated voltage is used to
operate the sink-side FET outputs. The nominal output voltage
of the VREG terminal is 7 V. The VREG pin must be decoupled
with a 0.22 μF ceramic capacitor to ground. VREG is internally
monitored. In the case of a fault condition, the FET outputs of the
A4986 are disabled.
Capacitor values should be Class 2 dielectric ±15% maximum,
or tolerance R, according to EIA (Electronic Industries Alliance)
specifications.
Shutdown. In the event of a fault, overtemperature (excess TJ)
or an undervoltage (on VCP), the FET outputs of the A4986 are
disabled until the fault condition is removed. At power-on, the
UVLO (undervoltage lockout) circuit disables the FET outputs
and resets the translator to the Home state.
Sleep Mode ( ¯S¯¯L¯¯E¯¯E¯¯P¯ ). To minimize power consumption
when the motor is not in use, this input disables much of the
internal circuitry including the output FETs, current regulator, and
charge pump. A logic low on the SLEEP pin puts the A4986 into
Sleep mode. When emerging from Sleep mode, in order to allow
the charge pump to stabilize, provide a delay of 1 ms before issu-
ing a logic command.
Mixed Decay Operation. The bridge operates in Mixed
Decay mode, as shown in figures 5 through 7. As the trip point
is reached, the A4986 initially goes into a fast decay mode for
31.25% of the off-time, tOFF. After that, it switches to Slow Decay
mode for the remainder of tOFF. A timing diagram for this feature
appears in figure 4.
Synchronous Rectification. When a PWM-off cycle is
triggered by an internal fixed-off time cycle, load current recir-
culates in Mixed Decay mode. This synchronous rectification
feature turns on the appropriate FETs during current decay, and
effectively shorts out the body diodes with the low FET RDS(ON).
This reduces power dissipation significantly, and can eliminate
the need for external Schottky diodes in many applications. Syn-
chronous rectification turns off when the load current approaches
zero (0 A), preventing reversal of the load current.
t
Fixed off-time
5 A / div.
t
5 A / div.
Figure 1. Short-to-ground event
Figure 2. Shorted load (OUTxA
→ OUTxB) in
Slow decay mode
Figure 3. Shorted load (OUTxA
→ OUTxB) in Mixed decay mode
Fixed off-time
Fast decay portion
(direction change)
t
5 A / div.
Fault
latched


Similar Part No. - A4986_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4986SLPTR-T ALLEGRO-A4986SLPTR-T Datasheet
466Kb / 14P
   DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
More results

Similar Description - A4986_12

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4987 ALLEGRO-A4987 Datasheet
449Kb / 16P
   DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
A4986 ALLEGRO-A4986 Datasheet
466Kb / 14P
   DMOS Dual Full-Bridge PWM Motor Driver with Overcurrent Protection
A4987 ALLEGRO-A4987_12 Datasheet
399Kb / 17P
   DMOS Dual Full-Bridge PWM Motor Driver With Overcurrent Protection
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com