Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEFT1-S24-S12-SMT Datasheet(PDF) 1 Page - CUI INC

Part # VEFT1-S24-S12-SMT
Description  single output series dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VEFT1-S24-S12-SMT Datasheet(HTML) 1 Page - CUI INC

  VEFT1-S24-S12-SMT Datasheet HTML 1Page - CUI INC VEFT1-S24-S12-SMT Datasheet HTML 2Page - CUI INC VEFT1-S24-S12-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
DESCRIPTION: single output series dc-dc converter
1 of 3
10/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VEFT1-SMT
Features
·Isolated 1 W output
·Temperature range: -40°C~+85°C
·Unregulated
·High efficiency to 80%
·Single voltage output
·Small footprint
·SMD package style
·Industry standard pinout
·UL94-V0 package
·No heatsink required
·3K Vdc isolation
·Power density 0.85 W/cm³
·No external component required
·Low cost
MODEL
Input Voltage
Output
Output Current
Package
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
UL60950-1
VEFT1-S3.3-S3.3-SMT
3.3 Vdc
3.00~3.60 Vdc
3.3 Vdc
300 mA
30 mA
72%
SMD
NO
VEFT1-S3.3-S5-SMT
3.3 Vdc
3.00~3.60 Vdc
5 Vdc
200 mA
20 mA
73%
SMD
NO
VEFT1-S5-S3.3-SMT
5 Vdc
4.5~5.5 Vdc
3.3 Vdc
300 mA
30 mA
74%
SMD
NO
VEFT1-S5-S5-SMT
5 Vdc
4.5~5.5 Vdc
5 Vdc
200 mA
20 mA
70%
SMD
YES
VEFT1-S5-S9-SMT
5 Vdc
4.5~5.5 Vdc
9 Vdc
111 mA
12 mA
75%
SMD
YES
VEFT1-S5-S12-SMT
5 Vdc
4.5~5.5 Vdc
12 Vdc
83 mA
9 mA
78%
SMD
YES
VEFT1-S5-S15-SMT
5 Vdc
4.5~5.5 Vdc
15 Vdc
67 mA
7 mA
80%
SMD
YES
VEFT1-S5-S24-SMT
5 Vdc
4.5~5.5 Vdc
24 Vdc
42 mA
5 mA
78%
SMD
NO
VEFT1-S12-S3.3-SMT
12 Vdc
10.8~13.2 Vdc
3.3 Vdc
300 mA
30 mA
75%
SMD
NO
VEFT1-S12-S5-SMT
12 Vdc
10.8~13.2 Vdc
5 Vdc
200 mA
20 mA
72%
SMD
YES
VEFT1-S12-S9-SMT
12 Vdc
10.8~13.2 Vdc
9 Vdc
111 mA
12 mA
76%
SMD
YES
VEFT1-S12-S12-SMT
12 Vdc
10.8~13.2 Vdc
12 Vdc
83 mA
9 mA
79%
SMD
YES
VEFT1-S12-S15-SMT
12 Vdc
10.8~13.2 Vdc
15 Vdc
67 mA
7 mA
81%
SMD
YES
VEFT1-S12-S24-SMT
12 Vdc
10.8~13.2 Vdc
24 Vdc
42 mA
5 mA
79%
SMD
NO
VEFT1-S24-S3.3-SMT
24 Vdc
21.6~26.4 Vdc
3.3 Vdc
300 mA
30 mA
73%
SMD
NO
VEFT1-S24-S5-SMT
24 Vdc
21.6~26.4 Vdc
5 Vdc
200 mA
20 mA
79%
SMD
NO
VEFT1-S24-S9-SMT
24 Vdc
21.6~26.4 Vdc
9 Vdc
111 mA
12 mA
80%
SMD
NO
VEFT1-S24-S12-SMT
24 Vdc
21.6~26.4 Vdc
12 Vdc
83 mA
9 mA
81%
SMD
NO
VEFT1-S24-S15-SMT
24 Vdc
21.6~26.4 Vdc
15 Vdc
67 mA
7 mA
79%
SMD
NO
VEFT1-S24-S24-SMT
24Vdc
21.6~26.4 Vdc
24 Vdc
42 mA
5 mA
80%
SMD
NO
Description
Designed to convert fixed voltages into
an isolated voltage, the VEFT1-SMT sin-
gle series is well suited for providing
board-mount local supplies in a wide
range of applications, including mixed
analog/digital circuits, test & measure-
ment equip., process/machine controls,
datacom/telecom fields, etc...
The semi-regulated output can be fol-
lowed by 3-terminal regulators to pro-
vide output protection, in addition to
output regulation.
OUTPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line Regulation
For Vin change of 1%
1.2
%
Load Regulation
10% to 100% full load
10
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
@ 100% load
0.03
%/°C
Output ripple
20 MHz Bandwidth
75
150
mVp-p
Switching frequency
Full load, nominal input
100
125
160
KHz


Similar Part No. - VEFT1-S24-S12-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VEFT1-S24-S12-SMT CUI-VEFT1-S24-S12-SMT Datasheet
530Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VEFT1-S24-S12-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com