Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFSD1-S24-S12-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VFSD1-S24-S12-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFSD1-S24-S12-SIP Datasheet(HTML) 3 Page - CUI INC

  VFSD1-S24-S12-SIP Datasheet HTML 1Page - CUI INC VFSD1-S24-S12-SIP Datasheet HTML 2Page - CUI INC VFSD1-S24-S12-SIP Datasheet HTML 3Page - CUI INC VFSD1-S24-S12-SIP Datasheet HTML 4Page - CUI INC VFSD1-S24-S12-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
01/27/2012 │ page 3 of 5
CUI Inc
│ SERIES: VFSD1-SIP Series │ DESCRIPTION: DC-DC CONVERTER
19.60
10.00
4.10
1.25
2.00
15.24
6.00
12
5
7
2.54
2.54
12
5 7
Recommended Footprint
BOTTOM VIEW
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
0.77 x 0.24 x 0.39 inch (19.6 x 6.0 x 10.0 mm)
case material
Plastic (UL94-V0)
weight
2.1
g
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
85
105
120
DERATING CURVES
PIN CONNECTIONS
1
+Vin
2
-Vin
5
-Vout
7
+Vout
units: mm
All pins on a 2.54mm pitch
All pin diameters are 0.50mm


Similar Part No. - VFSD1-S24-S12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFSD1-S24-S12-SIP CUI-VFSD1-S24-S12-SIP Datasheet
316Kb / 3P
   Dc-Dc Converter
VFSD1-S24-S12-SIP CUI-VFSD1-S24-S12-SIP Datasheet
162Kb / 3P
   Dc-Dc Converter
More results

Similar Description - VFSD1-S24-S12-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com