Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWRBT2-D24-S3.3-SMT Datasheet(PDF) 4 Page - CUI INC

Part # VWRBT2-D24-S3.3-SMT
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBT2-D24-S3.3-SMT Datasheet(HTML) 4 Page - CUI INC

  VWRBT2-D24-S3.3-SMT Datasheet HTML 1Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 2Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 3Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 4Page - CUI INC VWRBT2-D24-S3.3-SMT Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date
10/14/2011 │ page 4 of 5
CUI Inc
│ SERIES: VWRBT2 │ DESCRIPTION: DC-DC CONVERTER
All of the VWRBT2-SMT Series have been tested according to the following recommended testing circuit before leaving the factory. This
series should be tested under load (Figure 1). If you want to further decrease the input/output ripple, you can increase capacitance
properly or choose capacitors with low ESR. However, the capacitance should not be too high (Table 1).
1.
Requirement on Output Load
In order to ensure the product operates efficiently and reliably, make sure the specified range of input voltage is not exceeded. The
minimum output load must be at least 10%. If the actual load is less than 10%, the output ripple may increase sharply while the
efficiency and reliability will greatly reduce.
2.
Recommended Circuit
It is best to test with full load and not to test without load. To further reduce output ripple, you may increase the external capacitor,
choose a capacitor with low ESR.
3.
Input Current
Nominal input voltage range. The input current of the power supply must be sufficient to the startup current (Ip) of the DC/DC
module (Figure 2)
IP≤1.4*Iin-max
4.
No parallel connection or plug and play
DC
DC
Cin
+Vin
-Vin
+Vout
-Vout
Single Vout
(Vdc)
Cout
(μF)
3.3
2,200
5
1,000
9
680
12
470
15
330
Figure 1
APPLICATION NOTES
Table 1
Figure 2


Similar Part No. - VWRBT2-D24-S3.3-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRBT2-D24-S3.3-SMT CUI-VWRBT2-D24-S3.3-SMT Datasheet
221Kb / 3P
   dc-dc converter
VWRBT2-D24-S3.3-SMT CUI-VWRBT2-D24-S3.3-SMT Datasheet
212Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VWRBT2-D24-S3.3-SMT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com