Electronic Components Datasheet Search |
|
VFSD1-S24-S15-SIP-A Datasheet(PDF) 4 Page - CUI INC |
|
VFSD1-S24-S15-SIP-A Datasheet(HTML) 4 Page - CUI INC |
4 / 5 page cui.com date 01/27/2012 │ page 4 of 5 CUI Inc │ SERIES: VFSD1-SIP Series │ DESCRIPTION: DC-DC CONVERTER 1. Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load. If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company’s products with a lower rated output power (E_S-W25&F_S-W25). 2. Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. 3. Recommended testing and application circuit If you want to further decrease the input/output ripple, an “LC” filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1). It should also be noted that the inductance and the frequency of the “LC” filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1). 4. Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2). 5. No parallel connection or plug and play Vin (Vdc) Cin (μF) Single Vout (Vdc) Cout (μF) Dual Vout (Vdc) Cout (μF) 3.3, 5 4.7 3.3, 5 10 ±5 4.7 12 2.2 9.0 4.7 ±9 2.2 15 2.2 12 2.2 ±12 1.0 24 1.0 15, 24 1.0 ±15 0.47 External Capacitor Table (Table 1) Figure 1 APPLICATION NOTES Figure 2 |
Similar Part No. - VFSD1-S24-S15-SIP-A |
|
Similar Description - VFSD1-S24-S15-SIP-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |