Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD-25-15 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPD-25-15
Description  25Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPD-25-15 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPD-25-15 Datasheet HTML 1Page - Qualtek Electronics Corporation QPD-25-15 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Wide Operating Ambient Temperature (-20°C~70°C)
High Efficiency, and High Reliability
Output Protections: OLP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QPD-25-3.3
QPD-25-5
QPD-25-12
QPD-25-15
QPD-25-24
25Watts Single Output
QPD-25 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and
Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Efficiency
(Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
115VAC Input
230VAC Input
Over Load (OLP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
CB
Features:
3.3V
6A
0~6A
80mV
80mV
±10% of rated output voltage
±2.0%
±0.5%
±2.0%
<2.0s (115VAC input, full load); <1.0s (230VAC input, full load)
>14ms (115VAC input, full load); >30ms (230VAC input, full load)
±0.03%/°C
<5.0%
5V
5A
0~5A
80mV
80mV
±2.0%
±0.5%
±2.0%
12V
2.1A
0~2.1A
120mV
120mV
±1.0%
±0.5%
±1.0%
15V
1.7A
0~1.7A
120mV
120mV
±1.0%
±0.5%
±1.0%
24V
1.1A
0~1.1A
120mV
240mV
±1.0%
±0.5%
±1.0%
88VAC~264VAC
47Hz-63Hz
70%
71%
0.7A
20A@115VAC Cold start 40A@230VAC Cold start
Input-Output: <0.25mA Input-PG: <0.75mA
75%
77%
0.7A
80%
82%
0.35A
81%
83%
0.7A
83%
84%
0.7A
105%~150% of rated output current, hiccup mode, auto recovery
105%~150% of rated output voltage, constant voltage
Long-term mode, auto recovery
-20°C~70°C; 20%~90% RH Non-Condensing
-40°C~85°C; 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 100,000Hrs (25°C, Full load)
79x51x28mm
48PCS/CTN. G.W: 10.4kgs
Cooling by free air convection
0~70°C
-20~0°C
Conformal Coating
Rev. B


Similar Part No. - QPD-25-15

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-25-15 QUALTEK-QPD-25-15 Datasheet
4Mb / 2P
   25Watts Single Output
More results

Similar Description - QPD-25-15

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-25-3.3 QUALTEK-QPD-25-3.3 Datasheet
4Mb / 2P
   25Watts Single Output
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-025D QUALTEK-PLC-025D Datasheet
1Mb / 3P
   25Watts Single Output LED Driver
PLV-025 QUALTEK-PLV-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com