Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD-60-48 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPD-60-48
Description  60Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPD-60-48 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPD-60-48 Datasheet HTML 1Page - Qualtek Electronics Corporation QPD-60-48 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Wide Operating Ambient Temperature (-20°C~70°C)
High Efficiency, and High Reliability
Output Protections: OLP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QPD-60-5
QPD-60-12
QPD-60-15
QPD-60-24
QPD-60-48
60Watts Single Output
QPD-60 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and
Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Efficiency (Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
Over Load (OLP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
Features:
5V
12A
0~12A
50mV
100mV
4.2V-5.8V
±2.0%
±0.5%
±2.0%
<2.0s (115VAC input, full load); <1.0s (230VAC input, full load)
>10ms (115VAC input, full load); >20ms (230VAC input, full load)
±0.03%/°C
<5.0%
12V
5A
0~5A
120mV
120mV
10.8V-13.2V
±2.0%
±0.5%
±2.0%
15V
4A
0~4A
120mV
120mV
13.5V-16.5V
±2.0%
±0.5%
±2.0%
24V
2.5A
0~2.5A
120mV
120mV
21.5V-25.8V
±2.0%
±0.5%
±2.0%
48V
1.25A
0~1.25A
240mV
240mV
45V-52V
±2.0%
±0.5%
±2.0%
88VAC~264VAC
47Hz-63Hz
83%
1.6A
20A@115VAC Cold start 40A@230VAC Cold start
<0.25mA@115VAC <3.5mA@230VAC
80%
1.6A
80%
1.5A
80%
1.5A
83%
1.45A
105%~150% of rated output current, hiccup mode, auto recovery
120%~150% of rated output voltage, shut down, re-power on to recover (5V)
110%~133% of rated output voltage, shut down, re-power on to recover (12V)
110%~140% of rated output voltage, shut down, re-power on to recover (15V, 24V)
110%~125% of rated output voltage, shut down, re-power on to recover (48V)
Long-term mode, auto recovery
-20°C~70°C; 20%~90% RH Non-Condensing
-40°C~85°C: 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 100,000Hrs (25°C, Full load)
129x98x38mm
30PCS/CTN. G.W: 14.2kgs
Cooling by free air convection
0~55°C
-10~0°C
Over Voltage (OVP)


Similar Part No. - QPD-60-48

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-60-48 QUALTEK-QPD-60-48 Datasheet
1Mb / 2P
   60Watts Single Output
More results

Similar Description - QPD-60-48

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Astec America, Inc
ALD12 ASTEC-ALD12 Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
logo
XP Power Limited
VCT60 XPPOWER-VCT60 Datasheet
476Kb / 2P
   60Watts VCTSeries
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com