Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2210 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2210
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2210 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2210 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2210 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2210 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2210 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2210 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2210
No. A0667-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB= --40V, IE=0A
--10
μA
Emitter Cutoff Current
IEBO
VEB= --4V, IC=0A
--10
μA
DC Current Gain
hFE
VCE= --2V, IC= --1A
150
450
Gain-Bandwidth Product
fT
VCE= --10V, IC= --1A
140
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
215
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC= --7A, IB= --350mA
--200
--500
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= --7A, IB= --350mA
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= --100μA, IE=0A
--50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= --100μA, IC=0A
--6
V
Turn-On Time
ton
See specified Test Circuit
60
ns
Storage Time
tstg
See specified Test Circuit
270
ns
Fall Time
tf
See specified Test Circuit
20
ns
Switching Time Test Circuit
VR
RL
VCC= --20V
VBE=5V
IC=20IB1= --20IB2= --7A
+
+
50
Ω
INPUT
OUTPUT
RB
100
μF
470
μF
PW=20
μs
IB1
IB2
D.C.
≤1%
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT12019
0
--2.0
--0.5
--1.0
--1.5
0
--2
--14
--12
--10
--8
--6
--4
--16
--18
--20
IT12020
0
--1.0
--0.8
--0.2
--0.4
--0.6
0
--1
--7
--6
--5
--4
--3
--2
--8
--9
--10
IB=0mA
IB=0mA
--400
mA
--500
mA
--600
mA
--300
mA
--200m
A
--100mA
--120mA
--140mA
--160m
A
--180mA
--80m
A
--100
mA
--60mA
--40mA
--
20mA


Similar Part No. - 2SA2210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
ON Semiconductor
2SA2210 ONSEMI-2SA2210 Datasheet
248Kb / 7P
   Bipolar Transistor -50V, -20A, Low VCE(sat) PNP TO-220F-3SG
September, 2013
logo
Inchange Semiconductor ...
2SA2210 ISC-2SA2210 Datasheet
282Kb / 2P
   isc Silicon PNP Power Transistor
logo
ON Semiconductor
2SA2210-1E ONSEMI-2SA2210-1E Datasheet
248Kb / 7P
   Bipolar Transistor -50V, -20A, Low VCE(sat) PNP TO-220F-3SG
September, 2013
More results

Similar Description - 2SA2210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3147 SANYO-CPH3147 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
2SA2203 SANYO-2SA2203 Datasheet
43Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3146 SANYO-CPH3146 Datasheet
40Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2153 SANYO-2SA2153 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
ECH8102 SANYO-ECH8102 Datasheet
296Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com