Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDF-150-24 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPDF-150-24
Description  150Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDF-150-24 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDF-150-24 Datasheet HTML 1Page - Qualtek Electronics Corporation QPDF-150-24 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Built-in active PFC function, PF>0.93
High Efficiency, and High Reliability
Output Protections: OLP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QPDF-150-5 QPDF-150-12 QPDF-150-15 QPDF-150-24
QPDF-150-48
150Watts Single Output
QPDF-150 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Power Factor (Typical)
Efficiency
(Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
115VAC Input
230VAC Input
Over Load (OLP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
CB
Features:
5V
30A
0~30A
100mV
4V~6V
±2.0%
±0.5%
±1.0%
<2.0s (115VAC input, full load); <1.0s (230VAC input, full load)
>20ms (115VAC/230VAC input, full load)
±0.03%/°C
<5.0%
12V
12.5A
0~12.5A
100mV
10V~14V
±2.0%
±0.5%
±1.0%
15V
10A
0~10A
100mV
12V~18V
±1.0%
±0.5%
±1.0%
24V
6.3A
0~6.3A
150mV
20V~28V
±1.0%
±0.5%
±1.0%
48V
3.2A
0~3.2A
240mV
42V~54V
±1.0%
±0.5%
±1.0%
85VAC~264VAC
47Hz-63Hz
PF>0.98/115VAC PF>0.94/230VAC
80%
82%
2.0A
30A@115VAC Cold start 60A@230VAC Cold start
Input-Output: <0.25mA Input-PG: <3.5mA
83%
86%
83%
86%
83%
86%
83%
83%
105%~150% of rated output current, hiccup mode, auto recovery
110%~150% of rated output voltage, shut down, re-power on to recover (5V)
110%~140% of rated output voltage, shut down, re-power on to recover (12V, 15V, 24V)
110%~130% of rated output voltage, shut down, re-power on to recover (48V)
Long-term mode, auto recovery
-10°C~60°C; 20%~90% RH Non-Condensing
-20°C~85°C: 10%-95% RH Non-Condensing
UL60950-1; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-3-2, 17625.1-2003
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 100,000Hrs (25°C, Full load)
194x99x50mm
20PCS/CTN. G.W: 15.2kgs
Cooling by free air convection
QPDF-150-36
36V
4.1A
0~4.1A
240mV
32V~40V
±1.0%
±0.5%
±1.0%
83%
86%


Similar Part No. - QPDF-150-24

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-12 QUALTEK-QPDF-100-12 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-15 QUALTEK-QPDF-100-15 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-24 QUALTEK-QPDF-100-24 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-36 QUALTEK-QPDF-100-36 Datasheet
3Mb / 2P
   100Watts Single Output
More results

Similar Description - QPDF-150-24

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QGKF-150 QUALTEK-QGKF-150 Datasheet
641Kb / 2P
   150Watts Single Output
QPD-150 QUALTEK-QPD-150 Datasheet
583Kb / 2P
   150Watts Single Output
PLV-150 QUALTEK-PLV-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
logo
Vicor Corporation
V300C28C150B VICOR-V300C28C150B Datasheet
145Kb / 8P
   300Vin / 28Vout / 150Watts 300Vin / 28Vout / 150Watts
V48C28C150B VICOR-V48C28C150B Datasheet
145Kb / 8P
   48Vin / 28Vout / 150Watts DC-DC Converter Module
V300C15C150B VICOR-V300C15C150B Datasheet
142Kb / 8P
   300Vin / 15Vout / 150Watts DC-DC Converter Module
V300C24C150B VICOR-V300C24C150B Datasheet
142Kb / 8P
   300Vin / 24Vout / 150Watts DC-DC Converter Module
V375B3V3C150B VICOR-V375B3V3C150B Datasheet
146Kb / 8P
   375Vin / 3.3Vout / 150Watts DC-DC Converter Module
V48B3V3C150B VICOR-V48B3V3C150B Datasheet
179Kb / 8P
   48Vin / 3.3Vout / 150Watts DC-DC Converter Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com