Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDF-320-24 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPDF-320-24
Description  320Watts Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDF-320-24 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDF-320-24 Datasheet HTML 1Page - Qualtek Electronics Corporation QPDF-320-24 Datasheet HTML 2Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input/ Full range
Built-in active PFC function, PF>0.93
High Efficiency, and High Reliability
Output Protections: OLP/OTP/OVP/SCP
All using 105°C long life electrolytic capacitors.
100% full load burn-in test
QPDF-320-5 QPDF-320-7.5 QPDF-320-12 QPDF-320-24 QPDF-320-32
320Watts Single Output
QPDF-320 Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 2
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Ripple and
Noise
Voltage ADJ. Range
Voltage Accuracy
Line Regulation
Load Regulation
Set-up Time
Hold-up Time
Temperature Coefficient
Overshoot and Undershoot
Voltage Range
Frequency Range
Power Factor (Typical)
Efficiency (Typical)
AC Current (max)
Inrush Current (Typical)
Leakage Current
Over Load (OLP)
Over Temperature (OTP)
Over Voltage (OVP)
Short Circuit (SCP)
Operating Amb. Temp. & Hum
Storage Temp. & Hum
Safety Standards
Withstand Voltage
Isolation Resistance
EMI Conduction & Radiation
Harmonic Current
EMS Immunity
MTBF (MIL-HDBK-217F)
Dimension (LxWxH)
Packing
Cooling Method
CB
Features:
3.3V
60A
0~60A
150mV
180mV
±10% of rated output voltage
±2.0%
±0.5%
±1.0%
<2.5s (115VAC input, full load) <1.2s(230VAC input, full load)
5V >14ms (230VAC input, full load) 7.5V/15V/24V/32V/36V/48V >16ms (230VAC input, full load)
±0.05%/°C
<5.0%
7.5V
40A
0~40A
150mV
150mV
±2.0%
±0.5%
±1.0%
12V
25A
0~25A
150mV
150mV
±1.0%
±0.3%
±0.5%
24V
13A
0~13A
150mV
150mV
±1.0%
±0.5%
±0.5%
32V
10A
0~10A
200mV
200mV
±1.0%
±0.2%
±0.5%
88VAC~264VAC
47Hz-63Hz
PF>0.98/115VAC PF>0.93/230VAC
74%
4.0A
<23A@115VAC Cold start <45A@230VAC Cold Start
Input-Output: <0.1mA Input-PG: <0.75mA
83%
86%
87%
87%
105%~135% of rated output current, hiccup mode, auto recovery
85°C ± 5°C (heatsink of power transistor); shut down, auto recover after the temperature decreases
110%~150% of rated output voltage, shut down, re-power on to recover
Long-term mode, auto recovery
-20°C~65°C; 20%~90% RH Non-Condensing
-40°C~85°C: 10%-95% RH Non-Condensing
GB4943-2001; EN60950-1: 2006
Primary-Secondary: 3.0KVAC;≤10mA. Primary-PG: 1.5KVAC;≤10mA. Secondary-PG: 0.5KVDC;≤10mA
≥100M ohms
Compliance to EN55022(CISPR22) Class B
Compliance to EN61000-3-2, 17625.1-2003
Compliance to EN61000-4-2, 3, 4, 5, 6, 8, 11; ENV50204, light industry level, criteria A
More than 100,000Hrs (25°C, Full load)
226.5x115x50mm
12PCS/CTN. G.W: 14kgs
Forced air cooling (built-in DC fan)
Wide operating ambient temperature (-20°C~65°C)
QPDF-320-36 QPDF-320-48
36V
8.8A
0~8.8A
200mV
200mV
±1.0%
±0.2%
±0.5%
48V
6.7A
0~6.7A
240mV
240mV
±1.0%
±0.2%
±0.5%
87%
88%
0~65°C
-20~0°C
5V
60A
0~60A
150mV
150mV
±2.0%
±0.5%
±1.0%
79%
QPDF-320-3.3
Rev. B


Similar Part No. - QPDF-320-24

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-12 QUALTEK-QPDF-100-12 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-15 QUALTEK-QPDF-100-15 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-24 QUALTEK-QPDF-100-24 Datasheet
3Mb / 2P
   100Watts Single Output
QPDF-100-36 QUALTEK-QPDF-100-36 Datasheet
3Mb / 2P
   100Watts Single Output
More results

Similar Description - QPDF-320-24

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QGKF-320 QUALTEK-QGKF-320 Datasheet
1Mb / 2P
   320Watts Single Output
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com