Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3114 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH3114
Description  PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3114 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH3114 Datasheet HTML 1Page - Sanyo Semicon Device CPH3114 Datasheet HTML 2Page - Sanyo Semicon Device CPH3114 Datasheet HTML 3Page - Sanyo Semicon Device CPH3114 Datasheet HTML 4Page - Sanyo Semicon Device CPH3114 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPH3114 / CPH3214
No.6394-4/5
23
5
7
--0.01
--1.0
--0.1
23
5
7
2
3
--1000
7
5
3
2
--100
7
5
3
2
--10
7
5
23
5
7
0.01
1.0
0.1
23
5
7
2
3
1000
7
5
3
2
100
7
5
3
2
10
7
5
Collector Current, IC -- A
VCE(sat) -- IC
CPH3214
IC / IB=50
75
°C
Ta=
--25
°C
Collector Current, IC -- A
VBE(sat) -- IC
10
7
5
3
2
0.1
23
5
7
0.01
1.0
0.1
23
5
7
2
3
1.0
7
5
3
2
CPH3214
IC / IB=50
Ta= --25°C
25
°C
75
°C
Collector Current, IC -- A
VCE(sat) -- IC
CPH3114
IC / IB=50
75
°C
25°
C
Ta=
--25
°C
Collector Current, IC -- A
VBE(sat) -- IC
--10
7
5
3
2
--0.1
23
5
7
--0.01
--1.0
--0.1
23
5
7
2
3
23
5
7
0.1
10
1.0
23
5
7
2
3
--1.0
7
5
3
2
CPH3114
IC / IB=50
Ta= --25°C
75
°C
IT01703
IT01705
IT01704
IT01706
25
°C
Ambient Temperature, Ta --
°C
PC -- Ta
1.4
0
0.2
0.4
0.6
0.8
0.9
1.0
1.2
0
20
40
60
80
100
120
140
160
Collector-to-Emitter Voltage, VCE -- V
A S O
2
10
2
3
5
7
1.0
2
3
5
7
0.1
3
5
7
0.01
DC
operation
100ms
10ms
100
μs
ICP=3A
IC=1.5A
IT01707
IT01708
1ms
CPH3114 / CPH3214
CPH3114 / CPH3214
25°
C
23
5
7
0.01
1.0
0.1
23
5
7
2
3
1000
7
5
3
2
100
7
5
3
2
10
7
5
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
23
5
7
--0.01
--1.0
--0.1
23
5
7
2
3
--1000
7
5
3
2
--100
7
5
3
2
--10
7
5
CPH3114
IC / IB=20
--25
°C
25°
C
Ta=75
°C
IT01701
IT01702
CPH3214
IC / IB=20
--2
C
Ta=75
°C
25
°C
Mounted
on
a ceramic
board
(600mm
2
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2
✕0.8mm)
For PNP, minus sign is omitted.


Similar Part No. - CPH3114

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3114 SANYO-CPH3114 Datasheet
51Kb / 5P
   DC/DC Converter Applications
logo
ON Semiconductor
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3114-TL-E ONSEMI-CPH3114-TL-E Datasheet
583Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
More results

Similar Description - CPH3114

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3145 SANYO-CPH3145 Datasheet
47Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3143 SANYO-MCH3143 Datasheet
44Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2197 SANYO-2SA2197 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2196 SANYO-2SA2196 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3221 SANYO-CPH3221 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3145 SANYO-MCH3145 Datasheet
48Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2125 SANYO-2SA2125 Datasheet
43Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com