Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR-75-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DR-75-24
Description  75W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-75-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DR-75-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-75-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-10
0
10
20
30
45
50
60
20
40
60
80
100
12V
24V,48V
85
90
105
125
145
165
185
205
225
264
245
100
90
80
70
60
50
40
MechanicalSpecification
OutputDerating
OutputDeratingVsInputVoltage
CaseNo.923Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
(VERTICAL)
BlockDiagram
fosc:50KHz
O.V.P.
CONTROL
FG
I/P
-V
+V
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
FILTER
EMI
O.L.P.
DETECTION
CIRCUIT
PWM
O.T.P.
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3,4
3
Assignment
Assignment
FG
AC/L(DC-)
AC/N(DC+)
DCOUTPUT +V
DCOUTPUT -V
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
1
3
2
TB1
TB2
LED
2
4
3
1
+V ADJ.
125.2
FileName:DR-75-SPEC2011-06-17
75WSingleOutputIndustrialDINRailPowerSupply
D R - 7 5 series


Similar Part No. - DR-75-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-75-24 TOTAL-POWER-DR-75-24 Datasheet
292Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-75-24 ASTRODYNE-DR-75-24 Datasheet
279Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-75-24 MEANWELL-DR-75-24 Datasheet
104Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
MicroPower Direct, LLC
DR-75-24 MPD-DR-75-24 Datasheet
120Kb / 2P
   Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
logo
Total Power Internation...
DR-75-24 TOTAL-POWER-DR-75-24 Datasheet
186Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-75-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-75 MEANWELL-DR-75 Datasheet
104Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-75 TOTAL-POWER-DR-75 Datasheet
292Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-75 ASTRODYNE-DR-75 Datasheet
279Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-75 TOTAL-POWER-DR-75_17 Datasheet
186Kb / 2P
   75W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
SDR-75 MEANWELL-SDR-75 Datasheet
202Kb / 3P
   75W Single Output Industrial DIN RAIL with Power Supply
NDR-75 MEANWELL-NDR-75 Datasheet
565Kb / 4P
   75W Single Output Industrial DIN RAIL
logo
Total Power Internation...
NDR-75 TOTAL-POWER-NDR-75 Datasheet
1Mb / 4P
   75W Single Output Industrial DIN RAIL
EDR-75 TOTAL-POWER-EDR-75 Datasheet
1Mb / 4P
   75W SINGLE OUTPUT INDUSTRIAL DIN RAIL
logo
Altech corporation
PS75 ALTECH-PS75 Datasheet
116Kb / 1P
   75W Single Phase Industrial DIN Rail Power Supply
PS75 ALTECH-PS75_1 Datasheet
90Kb / 2P
   75W Single Phase Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com