Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEN-100-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # CEN-100-30
Description  100W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CEN-100-30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  CEN-100-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CEN-100-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CEN-100-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IP66
110
SELV
SPECIFICATION
MODEL
CEN-100-20
CEN-100-24
CEN-100-30
CEN-100-36
CEN-100-54
CEN-100-48
CEN-100-42
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
20V
24V
30V
36V
54V
48V
42V
0~4.8A
0~4A
0~3.2A
0~2.65A
0~1.77A
0~2A
0~2.28A
96W
96W
96W
95.4W
95.58W
96W
95.76W
2.0Vp-p
2.7Vp-p
3Vp-p
3.6Vp-p
5Vp-p
4.6Vp-p
4Vp-p
10%
3.0%
5.0%
3000ms/230VAC5000ms/115VACatfullload
90~295VAC
127~417VDC
47~63Hz
PF>0.97/115VAC,PF>0.95/230VAC,PF>0.92/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
88%
89%
90%
90%
91%
91%
90%
22.8~26V
28~32V
34~38V
41~46V
59~65V
54~60V
47~52V
1.4A/115VAC0.7A/230VAC0.5A/277VAC
60A/230VAC
<0.75mA /240VAC
95~110%
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-30~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
519.5Khrsmin.MIL-HDBK-217F(25
)
195*62.5*40.5mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Constant current operation region is within 65% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
0.6Kg;24pcs/15.4Kg/1.11CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH1)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
UL8750,CSA C22.2No.250.0-08(exceptfor48V,54V), TUVEN61347-1,EN61347-2-13,IP66,J61347-1,J61347-2-13approved
I/P-O/P,I/P-FG,O/P-FG:>100MOhms/500VDC/25
/70%RH
SAFETY STANDARDS
CompliancetoEN55015, EN61000-3-2ClassC(
65%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel(surge4KV),criteria A
13~20V
15.6~24V
19.5~30V
23.4~36V
35.1~54V
31.2~48V
27.3~42V
RATEDCURRENT
4.8A
4A
3.2A
2.65A
1.77A
2A
2.28A
CONSTANTCURRENT OPERATIONVOLTAGE Note.5
17~22V
22~27V
27~33V
33~40V
49~58V
43~53V
37~46V
VOLTAGE ADJ.RANGE (SVR1)
CURRENT ADJ.RANGE(SVR2) 3.12~4.8A
2.6~4A
2.08~3.2A
1.72~2.65A
1.15~1.77A
1.3~2A
1.48~2.28A
FileName:CEN-100-SPEC 2012-03-20
½ Features :
100WSingleOutputLEDPowerSupply
C E N - 1 0 0 series
Universal AC input / Full range (up to 295VAC)
Protections: Short circuit / Over current / Over voltage / Over temperature
Output voltage and constant current level adjustable
Built-in active PFC function
IP66 design for indoor or outdoor installations
Cooling by free air convection
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
Suitable for dry / damp / wet locations
3 years warranty
Class 2 power unit
Features :
F
EMCIMMUNITY
EMCEMISSION
( except for 48V,54V )
( for 48V,54V only)


Similar Part No. - CEN-100-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CEN-100-30 MEANWELL-CEN-100-30 Datasheet
165Kb / 3P
   100W Single Output LED Power Supply
More results

Similar Description - CEN-100-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100 Datasheet
165Kb / 3P
   100W Single Output LED Power Supply
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com