Electronic Components Datasheet Search |
|
WS3215 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
WS3215 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
3 / 9 page Steady, Steady, Steady, Steady, keep keep keep keep you you you you advance advance advance advance 3/9 WS WS WS WS3 3 3 32 2 2 215 15 15 15 Ordering Ordering Ordering Ordering Information Information Information Information Package Package Package Package IC IC IC IC Marking Marking Marking Marking Information Information Information Information Purchasing Purchasing Purchasing Purchasing Device Device Device Device Name Name Name Name SOT89-5 Pb-free WS3215 TP WS3215 Recommended Recommended Recommended Recommended Operating Operating Operating Operating Condition Condition Condition Condition S S S Symbol ymbol ymbol ymbol P P P Parameter arameter arameter arameter V V V Value alue alue alue U U U Unit nit nit nit VIN Input voltage 8~40 V TA Operating temperature -20~85 ℃ Absolute Absolute Absolute Absolute Maximum Maximum Maximum Maximum Ratings Ratings Ratings Ratings (((( Note Note Note Note 1) 1) 1) 1) S S S Symbol ymbol ymbol ymbol P P P Parameter arameter arameter arameter Value Value Value Value Unit Unit Unit Unit VIN DC Supply Voltage -0.3~50 V SW Drain voltage of internal Power MOSFET -0.3~50 V CSN Output current sensing voltage(relative toVIN) 0.3~-6.0 V DIM Switch enable and Dimming Voltage -0.3~6.0 V Isw Maximum Output Current 1.8 A PDMAX Power Dissipation(Note 2) 1.5 W PTR Thermal Resistance,SOT89-5(θJA) 45 ℃/W TJ Junction Operating Temperature -40 to 150 ℃ TSTG Storage Temperature -55 to 150 ℃ Note1:Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics. Note 2:Higher temperature leads to the necessary decreasing of maximum power dissipation. It also decided by both TJMAX, θJA,and ambient temperature TA. The maximum accepted power is formulated as PDMAX = (TJMAX -TA)/ θJA or the value among the lower ones in the absolute maximum rating. ESD ESD ESD ESD Information Information Information Information S S S Symbol ymbol ymbol ymbol P P P Parameter arameter arameter arameter V V V Value alue alue alue U U U Unit nit nit nit VESD-HBM Human body model on all pins(Discharge with a 100pF capacitor through a 1.5kΩ resistance.) 4 KV VESD-MM Machine model on all pins 400 V |
Similar Part No. - WS3215 |
|
Similar Description - WS3215 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |