Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2268SP Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2268SP
Description  Primary Side AC/DC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2268SP Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2268SP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
WS2268
Steady, keep for your advance
ESD Information
Symbol
Parameter
Value
Unit
VESD_HBM
Human model
2000
V
VESD_MM
Machine model
400
V
Ordering Information
Package
IC marking information
Purchasing device name
8 Pin SOP8, Pb-free
WS2268SP
WS2268


Similar Part No. - WS2268SP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2259 WINSEMI-WS2259 Datasheet
610Kb / 11P
   Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259DP WINSEMI-WS2259DP Datasheet
610Kb / 11P
   Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259SP WINSEMI-WS2259SP Datasheet
610Kb / 11P
   Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259YP WINSEMI-WS2259YP Datasheet
610Kb / 11P
   Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2273 WINSEMI-WS2273 Datasheet
399Kb / 9P
   2273 Current Mode PWM Controller
More results

Similar Description - WS2268SP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2580 WINSEMI-WS2580 Datasheet
204Kb / 9P
   Low Power Primary Side AC/DC Controller
logo
Dialog Semiconductor
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
   AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
Renesas Technology Corp
IW9801 RENESAS-IW9801 Datasheet
509Kb / 7P
   RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9802 RENESAS-IW9802 Datasheet
691Kb / 8P
   RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
23-Feb-2022
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
   AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
   AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
logo
Renesas Technology Corp
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
   RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com