Electronic Components Datasheet Search |
|
WDP8S60H Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
WDP8S60H Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
1 / 4 page WDP8S60H WDP8S60H WDP8S60H WDP8S60H S S S Sy y y ymbol mbol mbol mbol Parameter Parameter Parameter Parameter V V V Va a a alue lue lue lue Units Units Units Units VRRM Peak Repetitive Reverse Voltage 600 V IF(AV) Average Forward Current Square wave, duty=1/2,Tc=115℃ 8 A IFM Repetitive Peak Forward Current Square wave, 20kHz,Tc=115℃ 16 A IFSM No-Repetitive Peak Surge Current 80 A PD Power Dissipation 42 W TSTG,TJ Operating Junction Temperature & Storage Temperature -40 to 150 ℃ Torque Module-to-Sink , Recommended(M3) 1.1 N.m S S S Sy y y ymbol mbol mbol mbol Parameter Parameter Parameter Parameter T T T Te e e est st st st Conditions Conditions Conditions Conditions V V V Va a a alue lue lue lue Units Units Units Units Min Min Min Min T T T Ty y y yp p p p Max Max Max Max VF Forward Voltage Drop IF=8A - 1.3 1.7 V IF=8A,Tc=125℃ - 1.0 - V IRRM Reverse Current VR=600V - - 15 µA VR=600V,Tc=125℃ - - 250 µA trr Reverse Recovery Time IF=1.0A,VR=30V,dIF/dt=200A/µs - 30 - ns IF=8.0A,VR=300V, - 50 - Rth(J-C) Thermal Resistance - - 2.5 ℃/W C C C C A A A A Copyright@Winsemi Microelectronics Co., Ltd., All right reserved. 8A, 8A, 8A, 8A, 600V 600V 600V 600V Ultrafast Ultrafast Ultrafast Ultrafast Single Single Single Single Diode Diode Diode Diode Features Features Features Features ■ Ultrafast recovery time t rr<23ns ■ Low forward voltage drop ■ Low leakage current ■ High reliability by planer design ■ Maximum Junction Temperature Range(150℃) C C C C A A A A General General General General Description Description Description Description Winsemi’s FRD.. series are the state of the are Ultra fast C C C C recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. C C C C Appl Appl Appl Appliiiications cations cations cations · Freewheeling, Snubber, Clamp · Inversion Welder · PFC · Plating Power Supply · Ultrasonic Cleaner and Welder · Converter & Chopper · UPS Absolute Absolute Absolute Absolute Maximum Maximum Maximum Maximum Ratings Ratings Ratings Ratings Electrical Electrical Electrical Electrical Characte Characte Characte Characterrrristics istics istics istics (T C=25℃ unless otherwise noted) T T T TO O O O220-2L 220-2L 220-2L 220-2L May,2008.Rev.A. |
Similar Part No. - WDP8S60H |
|
Similar Description - WDP8S60H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |