Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-A1401-A2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # C67078-A1401-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A1401-A2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  C67078-A1401-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A1401-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A1401-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A1401-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A1401-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A1401-A2 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
509
BUZ 205
Electrical Characteristics
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static characteristics
Drain-source breakdown voltage
V
GS = 0 V, ID = 0.25 mA
V
(BR) DSS
400
V
Gate threshold voltage
V
GS = VDS , ID = 1 mA
V
GS (th)
2.1
4.0
4.0
Zero gate voltage drain current
V
DS = 400 V, VGS = 0 V
T
j =
25 ˚C
T
j = 125 ˚C
I
DSS
20
100
250
1000
µA
Gate-source leakage current
V
GS = 20 V, VDS = 0 V
I
GSS
10
100
nA
Drain-source on-resistance
V
GS = 10 V, ID = 4.0 A
R
DS (on)
0.9
1.0
Dynamic characteristics
Forward transconductance
V
DS ≥ 2 x ID x RDS(on)max , ID = 4.0 A
g
fs
1.7
2.9
S
Input capacitance
V
GS = 0 V, VDS = 25 V, f = 1 MHz
C
iss
1500
2000
pF
Output capacitance
V
GS = 0 V, VDS = 25 V, f = 1 MHz
C
oss
120
180
Reverse transfer capacitance
V
GS = 0 V, VDS = 25 V, f = 1 MHz
C
rss
–35
60
Turn-on time
t
on , (ton = td (on) + tr)
V
DD = – 30 V, VGS = 10 V, ID = 2.7 A, RGS =50 Ω
t
d (on)
3045ns
t
r
–40
60
Turn-off time
t
off , (toff = td (off) + tf)
V
DD = – 30 V, VGS = 10 V, ID = 2.7 A, RGS =50 Ω
t
d (off)
110
140
t
f
–50
65


Similar Part No. - C67078-A1401-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A1400-A2 SIEMENS-C67078-A1400-A2 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
C67078-A1402-A2 SIEMENS-C67078-A1402-A2 Datasheet
171Kb / 6P
   main ratings
More results

Similar Description - C67078-A1401-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ380 SIEMENS-BUZ380 Datasheet
152Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ384 SIEMENS-BUZ384 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com