Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP50N06 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SFP50N06
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SFP50N06 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SFP50N06 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP50N06 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP50N06 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP50N06 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP50N06 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP50N06 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SFP50N06 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Rev, c Nov.2008
SFP50N06
SFP50N06
SFP50N06
SFP50N06
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
■ RDS(on)(Max 22mΩ)@VGS=10V
■ Ultra-low Gate Charge(Typical 31nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General Description
This Power MOSFET is produced using Winsemi’s trench layout-based
process.This technology improves the performances compared with
standard parts from various sources. All of these power MOSFETs are
designed for applications in switching regulators, switching convertors,
motor and relay drivers, and drivers for high power bipolar switching
transistors demanding high speed and low gate drive power.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
60
V
ID
Continuous Drain Current(@Tc=25℃)
50
A
Continuous Drain Current(@Tc=100℃)
38
A
IDM
Drain Current Pulsed
(Note1)
200
A
VGS
Gate to Source Voltage
±25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
480
mJ
EAR
Repetitive Avalanche Energy
(Note 2)
13
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.8
V/ns
PD
Total Power Dissipation(@Tc=25℃)
130
W
Derating Factor above 25℃
1.3
W/℃
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature (for 10 seconds)
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance, Junction-to-Case
-
-
0.96
℃/W
RQcs
Case-to-Sink, Flat, Greased Surface
0.5
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
℃/W
G
G
G
G
D
D
D
D
S
S
S
S
TO220
TO220
TO220
TO220


Similar Part No. - SFP50N06

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
logo
Thinki Semiconductor Co...
SFP50N06 THINKISEMI-SFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
SFP50N06 VBSEMI-SFP50N06 Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SFP50N06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com