Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF740 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SFF740
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SFF740 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SFF740 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF740 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S
S
S
SF
F
F
FF
F
F
F74
74
74
740
0
0
0
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
3/7
Fig.1 On-State Characteristics
Fig.2 Transfer
characteristics
Fig.3 Capacitance Variation vs
Drain Voltage
Fig.4 Breakdown voltage Variation
vs Temperature
Fig.5 On-Resistance Variation vs
Junction Temperature
Fig.6 Gate Charge Characteristics


Similar Part No. - SFF740

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF7002KA2GW SSDI-SFF7002KA2GW Datasheet
177Kb / 2P
   Dual Microminiature Package 300 mA 60 Volts 2 廓 Dual N-Channel Logic Level TrenchFET MOSFET
SFF70N04 SSDI-SFF70N04 Datasheet
29Kb / 2P
   70 AMP / 40 VOLTS 0.010 OHM N-CHANNEL POWER MOSFET
SFF70N10C SSDI-SFF70N10C Datasheet
43Kb / 2P
   70 AMP 600 VOLT 0.030 ohm N-Channel Power MOSFET
SFF70N10M SSDI-SFF70N10M Datasheet
46Kb / 2P
   70 AMP 600 VOLT 0.030 ohm N-Channel Power MOSFET
SFF70N10Z SSDI-SFF70N10Z Datasheet
46Kb / 2P
   70 AMP 600 VOLT 0.030 ohm N-Channel Power MOSFET
More results

Similar Description - SFF740

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com