Electronic Components Datasheet Search |
|
K2837B Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
K2837B Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
2 / 7 page K K K K2837 2837 2837 2837B B B B 2/7 St St St Stea ea ea ead d d dy y y y,,,, keep keep keep keep y y y you ou ou ou a a a ad d d dv v v va a a an n n nc c c ce e e e Electrical Characteristics(Tc=25℃) Characteristics Symbol Test Condition Min Type Max Unit Gate leakage current IGSS VGS=±25V,VDS=0V - - ±100 nA Gate-source breakdown voltage V(BR)GSS IG=±10 µA,VDS=0V ±30 - - V Drain cut -off current IDSS VDS=500V,VGS=0V - - 1 µA VDS=400V,Tc=125℃ 10 Drain -source breakdown voltage V(BR)DSS ID=10 mA,VGS=0V 500 - - V Breakdown voltage Temperature coefficient △BVDSS/ △TJ ID=250µA,Referenced to 25℃ - 0.53 - V/℃ Gate threshold voltage VGS(th) VDS=10V,ID=1mA 3.0 - 5.0 V Drain -source ON resistance RDS(ON) VGS=10V,ID=9A - 0.16 0.19 Ω Forward Transconductance gfs VDS=40V,ID=9A - 22 - S Input capacitance Ciss VDS=25V, VGS=0V, f=1MHz - 3500 4500 pF Reverse transfer capacitance Crss - 55 70 Output capacitance Coss - 520 670 Switching time Rise time tr VDD=250V, ID=18A RG=25Ω (Note4,5) - 250 500 ns Turn-on time ton - 80 170 Fall time tf - 155 320 Turn-off time toff - 200 400 Total gate charge(gate-source plus gate-drain) Qg VDD=400V, VGS=10V, ID=18A (Note4,5) - 90 120 nC Gate-source charge Qgs - 23 - Gate-drain("miller") Charge Qgd - 44 - Source-Drain Ratings and Characteristics(Ta=25 ℃) Characteristics Symbol Test Condition Min Type Max Unit Continuous drain reverse current IDR - - - 24 A Pulse drain reverse current IDRP - - - 96 A Forward voltage(diode) VDSF IDR=24A,VGS=0V - - 1.4 V Reverse recovery time trr IDR=24A,VGS=0V, dIDR / dt =100 A / µs - 400 - ns Reverse recovery charge Qrr - 4.3 - µC Note 1.Repeativity rating :pulse width limited by junction temperature 2.L=3.4mH IAS=24A,VDD=50V,RG=25Ω,Starting TJ=25 ℃ 3.ISD≤24A,di/dt≤200A/us,VDD<BVDSS,STARTING TJ=25 ℃ 4.Pulse Test:Pulse Width≤300us,Duty Cycle≤2% 5. Essentially independent of operating temperature. This transistor is an electrostatic sensitive device Please handle with caution |
Similar Part No. - K2837B |
|
Similar Description - K2837B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |