Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-S1308-A2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C67078-S1308-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-S1308-A2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C67078-S1308-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-S1308-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
01/97
BUZ 21
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
21
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
84
Inverse diode forward voltage
VGS = 0 V, IF = 42 A
VSD
-
1.3
1.7
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
150
-
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
0.48
-
µC


Similar Part No. - C67078-S1308-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-S1300-A2 SIEMENS-C67078-S1300-A2 Datasheet
132Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1300-A7 SIEMENS-C67078-S1300-A7 Datasheet
132Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1301-A2 SIEMENS-C67078-S1301-A2 Datasheet
120Kb / 9P
   SIPMOS Power Transistorm (N channel Enhancement mode Avalanche-rated)
C67078-S1301-A3 SIEMENS-C67078-S1301-A3 Datasheet
118Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1301-A5 SIEMENS-C67078-S1301-A5 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results

Similar Description - C67078-S1308-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com