Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ214 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BUZ214
Description  main ratings
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ214 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BUZ214 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ214 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ214 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ214 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ214 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ214 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - BUZ214

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ21 SIEMENS-BUZ21 Datasheet
65Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ21 INFINEON-BUZ21 Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
BUZ211 ISC-BUZ211 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
More results

Similar Description - BUZ214

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ60B SIEMENS-BUZ60B Datasheet
174Kb / 6P
   main ratings
BUZ206 SIEMENS-BUZ206 Datasheet
172Kb / 6P
   main ratings
BUZ213 SIEMENS-BUZ213 Datasheet
180Kb / 6P
   main ratings
BUZ216 SIEMENS-BUZ216 Datasheet
171Kb / 6P
   main ratings
BUZ14 SIEMENS-BUZ14 Datasheet
168Kb / 6P
   main ratings
BUZ17 SIEMENS-BUZ17 Datasheet
172Kb / 6P
   main ratings
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
   main ratings
BUZ220 SIEMENS-BUZ220 Datasheet
174Kb / 6P
   main ratings
BUZ221 SIEMENS-BUZ221 Datasheet
177Kb / 6P
   main ratings
BUZ353 SIEMENS-BUZ353 Datasheet
181Kb / 6P
   main ratings
BUZ63 SIEMENS-BUZ63 Datasheet
173Kb / 6P
   main ratings
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com