Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLFBLST0H2064GRXXXX Datasheet(PDF) 3 Page - Zilog, Inc.

Part # ZLFBLST0H2064GRXXXX
Description  Your Complete Turnkey Infrared System-on-Chip Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLFBLST0H2064GRXXXX Datasheet(HTML) 3 Page - Zilog, Inc.

  ZLFBLST0H2064GRXXXX Datasheet HTML 1Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 2Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 3Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 4Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 5Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 6Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 7Page - Zilog, Inc. ZLFBLST0H2064GRXXXX Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CRIMZON® RC BLASTER
TM
COMpLETE TuRNkEy IR SOC SOLuTION
dIgITAL INfRAREd SOLuTIONS
Crimzon® RC BlasterTM Detailed Feature Set (continued...)
communications peripherals
The Crimzon RC Blaster can be configured by hardware jumpers and software commands with the selection of
the 9600/19200 bps UART and I2C communication interfaces. The full duplex UART offers acknowledgement
to the commands. The I2C is supported up to 10 KBPS. There are also two optional handshaking pins if hard-
wire operation is preferred.
Zilog also provides a complete Application Program Interface (API) to the user. Using the API, it is very simple
to send UART/ I2C commands to the Crimzon RC Blaster. The complete remote functions can be integrated
into any system quickly and easily using Zilog’s solution.
user
-programmable input/output pins
The Crimzon RC Blaster offers four General-Purpose Input /Output (GPIO) pins for the user to program. They
can be used to read customer selections or jumper settings. The GPIO can also be used to control transistors
to distribute the infrared output signals to four different zones.
PB017107-0908
3
key hardware features
communications peripherals
user programmable i/o


Similar Part No. - ZLFBLST0H2064GRXXXX

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
ZLF100-24S ARCH-ZLF100-24S Datasheet
300Kb / 2P
   LED Power
ZLF100-24S ARCH-ZLF100-24S Datasheet
269Kb / 2P
   Open Frame LED Power Supply
ZLF100-36S ARCH-ZLF100-36S Datasheet
300Kb / 2P
   LED Power
ZLF100-36S ARCH-ZLF100-36S Datasheet
269Kb / 2P
   Open Frame LED Power Supply
More results

Similar Description - ZLFBLST0H2064GRXXXX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
BQ-345A4K PANASONIC-BQ-345A4K Datasheet
73Kb / 1P
   Your Power Solution
logo
Maxim Integrated Produc...
MAXQ617 MAXIM-MAXQ617 Datasheet
943Kb / 29P
   Infrared Remote Control System-on-Chip
Rev 0; 12/13
MAXQ616 MAXIM-MAXQ616 Datasheet
41Kb / 2P
   Infrared Remote Control System-on-Chip
logo
Lumileds Lighting Compa...
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
logo
NXP Semiconductors
QN908X NXP-QN908X Datasheet
6Mb / 80P
   Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.2-19 April 2018
QN902X NXP-QN902X Datasheet
693Kb / 44P
   Ultra low power Bluetooth LE system-on-chip solution
Rev. 2.7-21 November 2018
QN908X NXP-QN908X_V01 Datasheet
4Mb / 81P
   Ultra low power Bluetooth 5 system-on-chip solution
Rev. 1.3-6 January 2021
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
   Complete Raster Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com