Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIB3402F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIB3402F
Description  BICD LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3402F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIB3402F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3402F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2006. 4. 20
6/6
KIB3402F
Revision No : 0
V
(V)
01
2
3
4
0
400
300
200
100
0
-10
110
70
30
-50
TEMP ( C)
Quiescent Current vs Temperature
Thermal Shut Down
V
vs V
FB
FB
CTL
CTL
300
50
350
200
250
100
150
5
-60
-10
40
90
50
55
60
65
70
75
80
85
90
95
140
500
Temperature ( C)
Efficicncy vs Temperature
Vcc (V)
1.5
2.5
3.5
4.5
5.5
Frequency vs Vcc
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
6.5
-50
0
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
100
Temperature ( C)
Switching Frequency vs Temperature
TEMP ( C)
350
300
0
125
185
175
165
145
115
155
135
105
400
200
150
100
50
250
Vin=3.0V
Vin=3.6V
Vin=4.3V
V
Vin=2.7V
Vin=3.6V
Vin=4.3V


Similar Part No. - KIB3402F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIB3401F KEC-KIB3401F Datasheet
476Kb / 6P
   BICD LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIB3402F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIB3401F KEC-KIB3401F Datasheet
476Kb / 6P
   BICD LINEAR INTEGRATED CIRCUIT
KIB6990T KEC-KIB6990T Datasheet
440Kb / 2P
   BICD LINEAR INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TB62213AFG TOSHIBA-TB62213AFG Datasheet
906Kb / 22P
   BiCD Integrated Circuit Silicon Monolithic
2015-03-09
TB62213AFNG TOSHIBA-TB62213AFNG Datasheet
496Kb / 23P
   BiCD Integrated Circuit Silicon Monolithic
2014-07-10
TB62213AFTG TOSHIBA-TB62213AFTG Datasheet
760Kb / 23P
   BiCD Integrated Circuit Silicon Monolithic
2014-12-27
TB67H400ANG TOSHIBA-TB67H400ANG Datasheet
380Kb / 23P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-12-22
TB67S111PG TOSHIBA-TB67S111PG Datasheet
313Kb / 15P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2017-08-04
TB62210FNG TOSHIBA-TB62210FNG Datasheet
310Kb / 21P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-12-15
TB62218AFNG TOSHIBA-TB62218AFNG Datasheet
1Mb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-10-01
TB62261FTG TOSHIBA-TB62261FTG Datasheet
793Kb / 24P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2015-11-6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com