Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7S66FU Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC7S66FU
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7S66FU Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC7S66FU Datasheet HTML 1Page - KEC(Korea Electronics) KIC7S66FU Datasheet HTML 2Page - KEC(Korea Electronics) KIC7S66FU Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008 .9. 17
3/3
KIC7S66FU
Revision No : 3
AC ELECTRICAL CHARACTERISTICS (CL=50pF, Input tr=tf=6ns)
Note 1 : CPD defined as the value of internal equivalent capacitance which is calculated from the operating current consumption without load
Average operating current can be obtained by the equation
: ICC(opr)=CPD・VCC・fIN + ICC
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC
MIN.
TYP.
MAX.
MIN.
MAX.
Phase difference
between input and output
фI-O
-
2.0
4.5
9.0
-
-
-
20
7
4
75
15
12
-
-
-
100
20
15
ns
Output Enable Time
tPZL
tPZH
RL=1kΩ
2.0
4.5
9.0
-
-
-
20
13
9
150
30
18
-
-
-
190
38
33
ns
Output Disable Time
tPLZ
tPHZ
RL=1kΩ
2.0
4.5
9.0
-
-
-
40
11
10
170
35
30
-
-
-
220
44
38
ns
Maximum Control
Input Frequency
-
RL=1kΩ, CL=15pF
VOUT=1/2 VCC
2.0
4.5
9.0
-
-
-
30
30
30
-
-
-
-
-
-
-
-
-
MHz
Control Input Capacitance
CIN
-
-
-
5
10
-
10
pF
Switch Terminal Capacitance
CI/O
-
-
-
6
-
-
-
Feedthrough Capacitance
CIOS
-
-
-
0.5
-
-
-
Power Dissipation Capacitance
CPD
(Note 1)
-
-
15
-
-
-
CHARACTERISTIC
SYMBOL
TEST CONDITION
TYP.
UNIT
VCC
Total Harmonic
Distortion (T.H.D)
-
fIN=1kHz, VIN=4VPP (VCC=4.5V)
RL=10kΩ, VIN=8VPP (VCC=9.0V), CL=50pF
4.5
9.0
0.05
0.04
%
Maximum Propagation
Frequency
(SWITCH ON)
fMAX
Adjust fIN voltage to obtain 0dBm at VOS
Increase fIN frequency until dB Meter reads -3dB.
RL=50Ω, CL=10pF, fIN=1MHz, Sine Wave
4.5
9.0
200
200
MHz
Feedthrough
(SWITCH ON)
-
Vin is ceintered at VCC/2 Adjust input for 0dBm
RL=600Ω, CL=50pF, fIN=1MHz, Sine Wave
4.5
9.0
-60
-60
dB
Crosstalk
(CONTROL SWITCH)
-
RL=600Ω, CL=50pF, IN=1MHz, PULSE (tr=tf=6ns)
4.5
9.0
60
100
mV
Note : These Characteristics are determined by design of devices.
ANALOG SWITCH CHARACTERISTICS (GND=0V, Ta=25℃)


Similar Part No. - KIC7S66FU

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU Datasheet
304Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7S66FU KEC-KIC7S66FU_15 Datasheet
39Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

Similar Description - KIC7S66FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com