Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX600 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # RX600
Description  Fujitsu PRIMERGY RX600 S6 Quad socket 4 U rack server
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

RX600 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  RX600 Datasheet HTML 1Page - Fujitsu Component Limited. RX600 Datasheet HTML 2Page - Fujitsu Component Limited. RX600 Datasheet HTML 3Page - Fujitsu Component Limited. RX600 Datasheet HTML 4Page - Fujitsu Component Limited. RX600 Datasheet HTML 5Page - Fujitsu Component Limited. RX600 Datasheet HTML 6Page - Fujitsu Component Limited. RX600 Datasheet HTML 7Page - Fujitsu Component Limited. RX600 Datasheet HTML 8Page - Fujitsu Component Limited. RX600 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet Fujitsu PRIMERGY RX600 S6 Quad socket 4 U rack server
Page 6 / 9
www.fujitsu.com/fts
Dimensions / Weight
Height Unit Rack
4 U
19” rackmount
Yes
Mounting Cable depth rack
100 mm (1000 mm Rack recommended)
Weight
max. 46 kg
Weight notes
Actual weight may vary depending on configuration
Rack integration kit
Rack integration kit as option
Environmental
Operating ambient temperature
10 - 35°C
Operating relative humidity
10 - 85 % (non condensing)
Operating environment
FTS 04230 – Guideline for Data Center (installation locations)
Operating environment Link
http://docs.ts.fujitsu.com/dl.aspx?id=d4ebd846-aa0c-478b-8f58-4cfbf3230473
Noise emission
Measured according to ISO 7779 and declared according to ISO 9296
Sound pressure (LpAm)
50 dB(A) (idle) / 50 dB(A) (operating)
Sound power (LWAd; 1B = 10dB)
6.5 B (idle) / 6.6 B (operating)
Noise notes / description
at ambient temperature <23ºC
Electrical values
Power supply configuration
Up to 4 hot plug power supplies.
Base unit equipped with 2 power supplies, 3rd and 4th PSU as option
Max. output of single power supply
850 W
Power supply efficiency
92% (at 50% PSU load, CSCI “gold”)
Hot-plug power supply redundancy
Yes
Rated voltage range
100 V - 127 V / 200 V - 240 V
Rated frequency range
47 Hz - 63 Hz
Rated current max.
26 A / 11 A (100 V / 240 V)
Active power (min. configuration)
750 W
Active power (max. configuration)
1790 W
Rated power max.
2640 W
Heat emission
6444.0 kJ/h (6107.7 BTU/h)
Compliance
Germany
GS
Europe
CE Class A *
USA/Canada
CSAc/us
FCC Class A
Global
CB
RoHS (Restriction of hazardous substances)
WEEE (Waste electrical and electronical equipment)
Japan
VCCI
Taiwan
BSMI
Compliance notes
There is general compliance with the safety requirements of all European countries and North America. National
approvals required in order to satisfy statutory regulations or for other reasons can be applied for on request.
* Warning:
This is a class A product. In a domestic environment this product may cause radio interference in which case the user
may be required to take adequate measures.
Compliance link
http://sp.ts.fujitsu.com/sites/certificates/


Similar Part No. - RX600

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RX6000 RFM-RX6000 Datasheet
75Kb / 10P
   916.50 MHz Hybrid Receiver
logo
rfsolutions.ltd
RX6000 RFSOLUTIONS-RX6000 Datasheet
242Kb / 5P
   458MHZ RF TRANSMITTER & RECEIVER
logo
Murata Manufacturing Co...
RX6000 MURATA-RX6000 Datasheet
244Kb / 10P
   RFM products are now Murata products
logo
rfsolutions.ltd
RX6000-XXX RFSOLUTIONS-RX6000-XXX Datasheet
242Kb / 5P
   458MHZ RF TRANSMITTER & RECEIVER
logo
RF Monolithics, Inc
RX6001 RFM-RX6001 Datasheet
89Kb / 10P
   868.35 MHz Hybrid Receiver
More results

Similar Description - RX600

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RX300 FUJITSU-RX300 Datasheet
203Kb / 10P
   Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
TX150 FUJITSU-TX150 Datasheet
184Kb / 10P
   Fujitsu PRIMERGY TX150 S7 Mono-Socket Intel짰 Xeon짰 processor server
2800B3 FUJITSU-2800B3 Datasheet
153Kb / 7P
   FUJITSU Server PRIMEQUEST 2800B3
logo
List of Unclassifed Man...
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
logo
Fujitsu Component Limit...
M9000 FUJITSU-M9000 Datasheet
233Kb / 8P
   Fujitsu SPARC Enterprise M9000 server
M3000 FUJITSU-M3000 Datasheet
173Kb / 7P
   Fujitsu SPARC Enterprise M3000 server
M8000 FUJITSU-M8000 Datasheet
232Kb / 8P
   Fujitsu SPARC Enterprise M8000 server
logo
List of Unclassifed Man...
GT62A-B5512 ETC2-GT62A-B5512 Datasheet
1Mb / 2P
   Single-socket server platform for Rack Optimization, Server Storage applications
logo
Fujitsu Component Limit...
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com