Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6F5.0A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMA6F5.0A
Description  600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA6F5.0A Datasheet(HTML) 1 Page - Micro Commercial Components

  SMA6F5.0A Datasheet HTML 1Page - Micro Commercial Components SMA6F5.0A Datasheet HTML 2Page - Micro Commercial Components SMA6F5.0A Datasheet HTML 3Page - Micro Commercial Components SMA6F5.0A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMA6F5.0A
THRU
SMA6F13A
600 Watt
Transient Voltage
Suppressors
5
.0 to 13 Volts
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.043
0.90
1.10
b
.049
.065
1.25
1.65
C
.006
.016
0.15
0.40
D
.089
.116
2.25
2.95
E
.188
.220
4.80
5.60
E1
.156
.181
3.95
4.60
L
.030
.059
0.75
1.50
Features
For surface mounted applications in order to optimize board space
Glass passivated junction
Excellent clamping capability
High Temp Soldering: 260
°C / 40 Seconds At Terminals
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
0D[LPXP5DWLQJ
Operating Temperature: -55
°C to +175°C
Storage Temperature: -55
°C to +175°C
Peak Pulse Current on
10/1000
IPPM
See Table 1 Note 2
Peak Pulse Power Dissipation
PPPM
Min 600 W
Note 2, 4
Peak Forward Surge Current
IFSM
40A
Note:3
2. Non-repetitive current pulse, per Fig.4 and derated above
TA=25
per Fig.1.
4. Peak pulse power waveform is 10/1000
.
DO-221AC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2012/03/22
0HFKDQLFDO'DWD
Polarity: Indicated by cathode band except bi-directional types
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
3. Lead temperature at TL = 75
SUGGESTED SOLDER
PAD LAYOUT


Similar Part No. - SMA6F5.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6F5.0A STMICROELECTRONICS-SMA6F5.0A Datasheet
105Kb / 9P
   High junction temperature Transil
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
logo
Vishay Siliconix
SMA6F5.0A VISHAY-SMA6F5.0A Datasheet
101Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 23-Nov-11
logo
STMicroelectronics
SMA6F5.0A STMICROELECTRONICS-SMA6F5.0A Datasheet
101Kb / 9P
   High junction temperature Transil?
logo
Vishay Siliconix
SMA6F5.0A VISHAY-SMA6F5.0A Datasheet
101Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 23-Nov-11
More results

Similar Description - SMA6F5.0A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6J5.0A MCC-SMA6J5.0A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
5KP5.0 MCC-5KP5.0 Datasheet
509Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com