Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5924 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N5924
Description  SILICON 1.5 WATT ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N5924 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N5924 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N5924

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5924 MICROSEMI-1N5924 Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Shenzhen Taychipst Elec...
1N5924 TAYCHIPST-1N5924 Datasheet
2Mb / 3P
   ZENER DIODES
logo
Zibo Seno Electronic En...
1N5924 ZSELEC-1N5924 Datasheet
1Mb / 14P
   ZENER DIODES
logo
EIC discrete Semiconduc...
1N5924A EIC-1N5924A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5924A FCI-1N5924A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
More results

Similar Description - 1N5924

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
   SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5930B-TP MCC-SMBJ5930B-TP Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com