Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-S1322-A2 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # C67078-S1322-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-S1322-A2 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  C67078-S1322-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-S1322-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 31 L
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 13.5 A, VDD = 50 V
R
GS = 25 Ω, L = 1.65 mH
20
40
60
80
100
120
°C
160
T
j
0
20
40
60
80
100
120
140
160
180
mJ
220
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 21 A
0
20
40
60
80
100
120 nC 150
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
180
185
190
195
200
205
210
215
220
225
230
V
240
V
(BR)DSS


Similar Part No. - C67078-S1322-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-S1320-A3 SIEMENS-C67078-S1320-A3 Datasheet
175Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1320-A5 SIEMENS-C67078-S1320-A5 Datasheet
175Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1321-A2 SIEMENS-C67078-S1321-A2 Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1321-A3 SIEMENS-C67078-S1321-A3 Datasheet
175Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1325-A2 SIEMENS-C67078-S1325-A2 Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results

Similar Description - C67078-S1322-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com