Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6627 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N6627
Description  FAST RECTIFIER, 1A < I(O) / I(F) < 2A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N6627 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N6627 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N6627

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6627 MICROSEMI-1N6627 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
1N6627 MICROSEMI-1N6627 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6627 MICROSEMI-1N6627 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N6627 SENSITRON-1N6627 Datasheet
50Kb / 3P
   Ultrafast Recovery Rectifier
1N6627 SENSITRON-1N6627 Datasheet
43Kb / 3P
   Ultrafast Recovery Rectifier
More results

Similar Description - 1N6627

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N6621 NJSEMI-1N6621 Datasheet
78Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N6622 NJSEMI-1N6622 Datasheet
67Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
   Si Rectifier, 1A < I(O) / I(F) s 2A
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
   FAST RECTIFIER, 2A < I(O) / I(F) s 5A
1N6080 NJSEMI-1N6080 Datasheet
82Kb / 1P
   FAST RECTIFIERS, 2A < I(O) / I(F) < 5A
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
   SI RECTIFIER, 2A I(O)/I(F) S 5A
30S8 NJSEMI-30S8 Datasheet
72Kb / 1P
   SI RECTIFIER, 2A < I(O)/I(F) S 5A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
   Fast Rectifier, 5A < I(O) / I(F) <10A
1N3890A NJSEMI-1N3890A Datasheet
93Kb / 1P
   Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890R NJSEMI-1N3890R Datasheet
108Kb / 1P
   Fast Rectifier, 10A < I(O)/I(F) s 20A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com