Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICG12006A007V Datasheet(PDF) 10 Page - TDK Electronics

Part # ICG12006A007V
Description  ICG Series ??Non-isolated SMT Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICG12006A007V Datasheet(HTML) 10 Page - TDK Electronics

Back Button ICG12006A007V Datasheet HTML 6Page - TDK Electronics ICG12006A007V Datasheet HTML 7Page - TDK Electronics ICG12006A007V Datasheet HTML 8Page - TDK Electronics ICG12006A007V Datasheet HTML 9Page - TDK Electronics ICG12006A007V Datasheet HTML 10Page - TDK Electronics ICG12006A007V Datasheet HTML 11Page - TDK Electronics ICG12006A007V Datasheet HTML 12Page - TDK Electronics ICG12006A007V Datasheet HTML 13Page - TDK Electronics ICG12006A007V Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Advance Data Sheet: iCG Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iCG12_Full_Datasheet_053111.doc 5/31/2011 rev 1.1
(877) 498-0099
10/16
Electrical Characteristics (continued):
0
0.5
1
1.5
2
2
3
4
5
6
7
8
9 10 11 12 13 14
Input Voltage (V)
Io_min = 0A
Io_mid = 3A
Io_max = 6A
0
1
2
3
4
2
3
4
5
6
7
8
9 10 11 12 13 14
Input Voltage (V)
Io_min = 0A
Io_mid = 3A
Io_max = 6A
Vo=1.8V Typical Output Voltage vs. Input Voltage
Characteristics
Vo=1.8V Typical Input Current vs. Input Voltage
Characteristics
1.6
1.65
1.7
1.75
1.8
1.85
0
1
2
3
4
5
6
7
8
9 10 11
Output Current (A)
Vin = 12V
Vin = 14V
Vin = 9V
Vin = 4.5V
1.76
1.78
1.8
1.82
1.84
0
1
2
3
4
5
6
Output Current (A)
Vin = 12V
Vin = 14V
Vin = 9V
Vin = 4.5V
Vo=1.8V Typical Current Limit Characteristics
Vo=1.8V Typical load regulation
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Input Voltage (V)
Upper Limit
Lower Limit
Output Voltage versus Input Voltage Operating Range


Similar Part No. - ICG12006A007V

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICG12006A007V-001-R TDK-ICG12006A007V-001-R Datasheet
165Kb / 2P
   DC-DC Converters
iCG12006A007V-003-R TDK-iCG12006A007V-003-R Datasheet
201Kb / 2P
   6A Non-isolated SMT Point Of Load
ICG12006A007V-006-R TDK-ICG12006A007V-006-R Datasheet
157Kb / 2P
   DC-DC Converters
May 17, 2022
ICG12006A007V-007-R TDK-ICG12006A007V-007-R Datasheet
165Kb / 2P
   DC-DC Converters
More results

Similar Description - ICG12006A007V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MX10A-3-5SA BOURNS-MX10A-3-5SA Datasheet
312Kb / 2P
   SMT Non-Isolated Power Module
MX3A-12SA BOURNS-MX3A-12SA Datasheet
301Kb / 2P
   SMT Non-Isolated Power Module
logo
TDK Electronics
IBF12012A007V TDK-IBF12012A007V Datasheet
969Kb / 17P
   IBF Series ??Non-isolated SMT Power Module
ICF12005A007V TDK-ICF12005A007V Datasheet
972Kb / 16P
   ICF Series ??Non-isolated SMT Power Module
IAF12020A007V TDK-IAF12020A007V Datasheet
1Mb / 18P
   iAF Series ??Non-isolated SMT Power Module
logo
List of Unclassifed Man...
MX5A-12SA ETC1-MX5A-12SA Datasheet
175Kb / 2P
   MX5A-12SA SMT Non-Isolated Power Module
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com